Electronic Components Datasheet Search
  English  ▼

X  

EMA6 Datasheet(PDF) 2 Page - Rohm

Part # EMA6
Description  Emitter common (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA6 Datasheet(HTML) 2 Page - Rohm

  EMA6 Datasheet HTML 1Page - Rohm EMA6 Datasheet HTML 2Page - Rohm EMA6 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMA6 / UMA6N
Transistors
Rev.A
2/2
Electrical characteristics curves
VCE
=−5V
−100µ−1m
−10m
−200µ−2m
−20m
−500µ−5m
−50m−100m
1k
500
200
100
50
20
10
5
2
1
COLLECTOR CURRENT : IC
(A)
Fig.1 DC current gain vs.collector
current
Ta
=100°C
25
°C
−40°C
lC/lB
=10
−10µ−100µ−1m
−20µ−200µ−2m
−50µ−500µ−5m −10m
Ta
=100°C
25
°C
−40°C
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−1
COLLECTOR CURRENT : IC
(A)
Fig.2 Collector-emitter saturation
voltage vs.collector current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com