Electronic Components Datasheet Search
  English  ▼

X  

PC3SD21YXPDF Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC3SD21YXPDF
Description  Zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD21YXPDF Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC3SD21YXPDF Datasheet HTML 7Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 8Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 9Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 10Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 11Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 12Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 13Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 14Page - Sharp Corporation PC3SD21YXPDF Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
PC3SD21NTZ Series
Sheet No.: D2-A07601EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit (Medium/High Power Triac Drive Circuit)
Triac
Load
PC3SD21NTZ
Note) Please add the snubber circuit according to a condition.
Any snubber or varistor used for the above mentioned scenarios should be located
as close to the main output triac as possible.
6
5
1
2
4
3
AC Line
Zero Crossing
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com