Electronic Components Datasheet Search
  English  ▼

X  

PC3SH21YIPB Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3SH21YIPB
Description  Zero cross type DIP 4pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SH21YIPB Datasheet(HTML) 1 Page - Sharp Corporation

  PC3SH21YIPB Datasheet HTML 1Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 2Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 3Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 4Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 5Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 6Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 7Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 8Page - Sharp Corporation PC3SH21YIPB Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PC3SH21YFZ
Series
■ Features
VDRM : 600V, Reinforced insulation type
Zero cross type
DIP 4pin
Phototriac Coupler for triggering
1. High repetitive peak off-state voltage (VDRM : 600V)
2. Zero crossing functionality (VOX : MAX. 20V)
3. IFT ranks available (see Model Line-up section in this
datasheet)
4. 4 pin DIP package
5. Reinforced insulation type (MIN. 0.4mm internal
separation)
6. Superior noise immunity (dV/dt : MIN. 1 000V/µs)
7. Lead-free components are also available (see Model
Line-up section in this datasheet)
8. Double transfer mold construction (Ideal for Flow
Soldering)
9. High isolation voltage between input and output
(Viso(rms) : 5.0kV)
∗Non-zero cross type is also available.
(PC3SH11YFZ Series)
■ Description
PC3SH21YFZ Series reinforced insulation type
Phototriac Coupler include an infrared emitting diode
(IRED) optically coupled to an output Phototriac.
These devices feature full wave control and are
ideal isolated drivers for medium to high current Triacs.
DIP package provides 5.0kV isolation from input to
output with superior commutative noise immunity.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC3SH21YFZ Series
Sheet No.: D2-A07301EN
Date Mar. 31. 2004
© SHARP Corporation
■ Agency approvals/Compliance
1. Triggering for Triacs used to switch on and off
devices which require AC Loads.
For example heaters, fans, motors, solenoids, and
valves.
2. AC line control in power supply applications.
■ Applications
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. 3SH21)
2. Approved by CSA, file No. CA95323 (as model No.
3SH21)
3. Approved by BSI : BS-EN60065, file No. 6690/BS-
EN60950, file No. 7421, (as model No. 3SH21)
4. Approved by SEMKO, EN60065/EN60950, file No.
0226022 (as model No. 3SH21)
5. Approved by DEMKO, EN60065/EN60950, file No.
311791 (as model No. 3SH21)
6. Approved by FIMKO, EN60065/EN60950, file No.
18397 (as model No. 3SH21)
7. Approved by VDE(∗)(DIN EN 60747-5-2), file No.
40008087 (as model No. 3SH21)
8. Package resin : UL flammability grade (94V-0)
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884.
Up to Date code "RD" (December 2003), approval of DIN
VDE0884.
From Date code "S1" (January 2004), approval of DIN
EN60747-5-2.


Similar Part No. - PC3SH21YIPB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results

Similar Description - PC3SH21YIPB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST11NSZ SHARP-PC3ST11NSZ Datasheet
305Kb / 15P
VDRM : 600V, Non-zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST21NSZ SHARP-PC3ST21NSZ Datasheet
308Kb / 15P
VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com