Electronic Components Datasheet Search
  English  ▼

X  

0463000000 Datasheet(PDF) 13 Page - Weidmuller

Part # 0463000000
Description  Accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0463000000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 0463000000 Datasheet HTML 9Page - Weidmuller 0463000000 Datasheet HTML 10Page - Weidmuller 0463000000 Datasheet HTML 11Page - Weidmuller 0463000000 Datasheet HTML 12Page - Weidmuller 0463000000 Datasheet HTML 13Page - Weidmuller 0463000000 Datasheet HTML 14Page - Weidmuller 0463000000 Datasheet HTML 15Page - Weidmuller 0463000000 Datasheet HTML 16Page - Weidmuller 0463000000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
J.13
J
Wire end ferrules for short-circuit and earth-fault-proof cables
Weidmüller colour code
Ordering data
packed loose
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H1.5/17.5 XS
1.50
16
17.5
8.0
1.8
6.8
0.15 0.3
20.0
l
black
100
9202870000
H2.5/17.5 XS
2.50
14
17.5
8.0
2.3
7.6
0.15 0.3
20.0
l
blue
100
9202880000
Weidmüller colour code
Ordering data
in multipack bag
Type
ø mm2 AWG
L1
L2
D1
D2
S1
S2 Stripping length Colour
Qty.
Order No.
H1.5/17.5X
1.50
16
17.5
8.0
1.8
6.8
0.15 0.3
13.0
l
black
100
9006590000
H1.5/19.5X
1.50
16
19.5 10.0
1.8
6.8
0.15 0.3
15.0
l
black
100
9006630000
H2.5/17.5X
2.50
14
17.5
8.0
2.3
7.6
0.15 0.3
14.0
l
blue
100
9006670000
H2.5/21.5X
2.50
14
21.5 12.0
2.3
7.6
0.15 0.3
17.0
l
blue
100
9006710000
H4.0/19.5X
4.00
12
19.5 10.0
2.9
7.8
0.2
0.3
14.0
l
grey
100
9006750000
H6.0/23.0X
6.00
10
23.0 12.0
3.6
8.1
0.2
0.3
17.0
l
yellow
100
9006790000
H10.0/24.0X
10.00
7
24.0 12.0
4.6
9.6
0.2
0.3
17.0
l
red
100
9006830000
H16.0/25.5X
16.00
6
25.5 12.0
6.0 11.9
0.2
0.3
26.0
l
blue
100
9006870000
L2
L1
• Polypropylene conical cable entry
• Heat-resistant up to 105 °C
• Cable entry made from a not readily flammable material on request
For conductors from 1.5 to 16 mm2 (AWG 16-6)
Tin-plated copper
Dimensional tolerances to DIN 46228 part 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com