Electronic Components Datasheet Search
  English  ▼

X  

SiP32101EVB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SiP32101EVB
Description  6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP32101EVB Datasheet(HTML) 4 Page - Vishay Siliconix

  SiP32101EVB Datasheet HTML 1Page - Vishay Siliconix SiP32101EVB Datasheet HTML 2Page - Vishay Siliconix SiP32101EVB Datasheet HTML 3Page - Vishay Siliconix SiP32101EVB Datasheet HTML 4Page - Vishay Siliconix SiP32101EVB Datasheet HTML 5Page - Vishay Siliconix SiP32101EVB Datasheet HTML 6Page - Vishay Siliconix SiP32101EVB Datasheet HTML 7Page - Vishay Siliconix SiP32101EVB Datasheet HTML 8Page - Vishay Siliconix SiP32101EVB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiP32101, SiP32102, SiP32103
www.vishay.com
Vishay Siliconix
S15-0598-Rev. G, 30-Mar-15
4
Document Number: 62617
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated 25 °C, unless otherwise noted)
Fig. 3 - Quiescent vs. Input Voltage
Fig. 4 - Quiescent vs. Input Voltage
Fig. 5 - Shutdown Current vs. Input Voltage
Fig. 6 - Quiescent vs. Temperature
Fig. 7 - Quiescent vs. Temperature
Fig. 8 - On Resistance vs. Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
PA /VPB (V)
SiP32101, SiP32102
0
2
4
6
8
10
12
14
16
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
PA/VPB (V)
V
= 0 V (SiP32103)
EN
0.00
0.02
0.04
0.06
0.08
0.10
0.12
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
PA /VPB (V)
V
V=
PA/VPB (SiP32101, SiP32102)
EN
0.01
0.10
1.00
10.00
- 40
- 15
10
35
60
85
Temperature (°C)
V
PA/VPB = 5.0 V
V
PA/VPB = 2.7 V
V
PA/VPB = 4.2 V
SiP32101, SiP32102
0
2
4
6
8
10
12
14
16
- 40
- 15
10
35
60
85
Temperature (°C)
V
PA/VPB = 5.0 V
V
PA/VPB = 2.7 V
V
PA/VPB = 4.2 V
V
= 0 V (SiP32103)
EN
2
3
4
5
6
7
8
9
10
- 40
- 15
10
35
60
85
Temperature (°C)
I
L = 0.5 A
V
PA/VPB = 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com