Electronic Components Datasheet Search
  English  ▼

X  

LMC6772 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6772
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6772 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC6772 Datasheet HTML 3Page - National Semiconductor (TI) LMC6772 Datasheet HTML 4Page - National Semiconductor (TI) LMC6772 Datasheet HTML 5Page - National Semiconductor (TI) LMC6772 Datasheet HTML 6Page - National Semiconductor (TI) LMC6772 Datasheet HTML 7Page - National Semiconductor (TI) LMC6772 Datasheet HTML 8Page - National Semiconductor (TI) LMC6772 Datasheet HTML 9Page - National Semiconductor (TI) LMC6772 Datasheet HTML 10Page - National Semiconductor (TI) LMC6772 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Typical Applications (Continued)
The circuit shown above provides output signals at a pre-
scribed time interval from a time reference and automatically
resets the output when the input returns to ground. Consider
the case of V
IN = 0. The output of comparator 4 is also at
ground. This implies that the outputs of comparators 1, 2,
and 3 are also at ground. When an input signal is applied,
the output of comparator 4 swings high and C charges expo-
nentially through R. This is indicated above. The output volt-
ages of comparators 1, 2, and 3 swtich to the high state
when V
C1 rises above the reference voltages VA,VB and VC.
A small amount of hysteresis has been provided to insure
fast switching when the RC time constant is chosen to give
long delay times.
Time Delay Generator
DS012347-32
FIGURE 9. Time Delay Generator
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com