Electronic Components Datasheet Search
  English  ▼

X  

PC906N Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PC906N
Description  No adjustments ever needed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PC906N Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PC906N Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800/900 MHz
Yagi Antennas
ANT-DS-800-900-YAGI 111314
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird aterials rests with the end user, since Laird
and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or
general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from
time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks
or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any
Laird or any third party intellectual property rights.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +
44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +
86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
MODEL
FREQ.
MHz
GAIN
dBd
NO.
ELEM
F TO B
dB
-3 dB BEAMWIDTH CONN.
TYPE
(FEMALE)
W/SURF.
AREA
ft2 (m2)
W/SURV.
mph (kph)
W/ 1/2
in ICE
LENGTH
in (cm)
WT.
LB. (KG)
E-PLANE H-PLANE
PC9013N 902-928
13
13
20
35°
40°
N
0.46
(0.043)
125 (200)
100
(161)
53-1/2
(135.9)
3.12
(1.40)
PC9010N 928-960
12
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
41-7/16
(105.2)
2.31
(1.04)
PC926N 928-960
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.61
(.72)
PC904N 896-980
6
4
15
70°
100°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC906N 896-940
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.62
(.73)
PC8910N 896-940
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
41-7/16
(105.2)
2.31
(1.04)
PC886N 880-960
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.69
(.76)
PC884N 880-960
6
4
15
70°
90°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC8210N 824-896
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
46
(116.8)
2.37
(1.07)
PC8010N 806-869
11
10
20
40°
45°
N
0.38
(0.035)
125 (200)
100
(161)
46
(116.8)
2.44
(1.10)
PC804N 806-902
6
4
15
70°
90°
N
0.11
(0.01)
125 (200)
100
(161)
13
(33)
1.12
(.50)
PC806N 806-866
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.69
(.76)
PC826N 824-896
8.5
6
18
55°
65°
N
0.26
(0.024)
125 (200)
100
(161)
24-3/4
(62.9)
1.67
(.75)
ESMR, SMR, CELLULAR, GSM, CONVENTIONAL YAGI ANTENNAS
For 800 MHz ESMR and SMR or conventional applications, choose 4 element PC804N, 6 element
PC806N, or ten element PC8010N. The Laird Technologies PC804N, PC826N, and PC8210N are
also available in the 900 MHz GSM frequency band.
FEATURES
• All-weldedunitconstruction
• Noadjustmentseverneeded
• Waterproofdesign
• Stainlesssteelhardware
• PigtailmountedN-femaleconnector
COMMON SPECIFICATIONS
• Powerhandling–200Watts
• Elements–1/4in(.63cm)6061T6aluminumrod;
Boom–3/4in(1.9cm)6061T6aluminumchannel
• Mountingstyle–U-bolt;maximummastdiameter–
2-1/8in(5.4cm)pigtail–19in(48.3cm)
MARKETS
• WiMAX


Similar Part No. - PC906N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC906N LSTD-PC906N Datasheet
415Kb / 1P
All-welded unit construction
More results

Similar Description - PC906N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
Window Comparator With Independent Adjustments
April 1998
logo
BRIGHT LED ELECTRONICS ...
BB-B5171-C BRIGHT-BB-B5171-C Datasheet
129Kb / 2P
GaP /GaP Bright Red TTL & C-MOS circuit no external circuit needed
BB-B5174 BRIGHT-BB-B5174 Datasheet
142Kb / 2P
GaP /GaP Bright Red TTL & C-MOS circuit no external circuit needed
BB-B6171-C BRIGHT-BB-B6171-C Datasheet
130Kb / 2P
AlGaAs/GaAs Super Red TTL & C-MOS circuit no external circuit needed
logo
KR Electronics, Inc.
2355-240 KR-2355-240 Datasheet
81Kb / 2P
240 Hz Active notch filter No adjustments necessary
2355-400 KR-2355-400 Datasheet
101Kb / 2P
400 Hz Active notch filter No adjustments necessary
logo
STMicroelectronics
AN4390 STMICROELECTRONICS-AN4390 Datasheet
1Mb / 14P
The UPS is gaining ever increasing importance
26-Nov-2013
AN2282 STMICROELECTRONICS-AN2282 Datasheet
164Kb / 19P
With the ever-increasing success
23-Feb-2006
logo
Maxim Integrated Produc...
MAX5216EVKIT MAXIM-MAX5216EVKIT_V01 Datasheet
1Mb / 11P
USB Powered, No Additional Supply Needed* (Cable Not Included)
2012
logo
Greystone Energy System...
SPC GREYSTONE-SPC Datasheet
208Kb / 2P
HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com