Electronic Components Datasheet Search
  English  ▼

X  

EXL Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXL
Description  Two-Way Radio Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXL Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXL Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
• Injection molded flexible low- or mid-band antenna
• 1/4 wave antenna
• High durability, high efficiency
• Textured finish with strain-relief base
• Available in various standard connectors
• An original ‘Tuf Duck’ antenna
ANT-DS-EXL 0609
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
EXL
Two-Way Radio Antenna
FREQUENCIES AND CONNECTORS
PART#
FREQUENCY BAND
CONNECTORS
AvERAgE LENgTH
COLOR CODE
EXL25
25-30 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
-
EXL30
30-36 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
Yellow
EXL36
36-42 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
Red
EXL42
42-50 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
Blue
EXL66
66-76 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
White
EXL76
76-88 MHz
BNX, HT, KR, MX, & TNX
10.75” - 11.10”
Orange
The EXL model antenna is available field tunable in the following frequencies and connectors. Order by antenna model, frequency and connector.
For example: EXL30HT. Length of each antenna will vary according to the connector chosen.
PARAMETER
SPECIFICATION
Frequency Range
Low-band, Mid-band
Polarization
vertical
Nominal Impedance
50 ohms
vSWR
1.5:1 max at resonance
Power Rating
5 watts
Temperature Range
-40°C to +85°C
Drop Test
1M


Similar Description - EXL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPP9401E3 MICROSEMI-UPP9401E3 Datasheet
72Kb / 2P
POWERMITE TM PACKAGE COMMERCIAL TWO-WAY RADIO ANTENNA SWITCH DIODE
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
UM9401 MICROSEMI-UM9401_09 Datasheet
401Kb / 7P
COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
November 25, 2016
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
Analog Two Way Radio IC
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com