Electronic Components Datasheet Search
  English  ▼

X  

LM2716 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2716
Description  Dual (Step-up and Step-down) PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2716 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2716 Datasheet HTML 1Page - National Semiconductor (TI) LM2716 Datasheet HTML 2Page - National Semiconductor (TI) LM2716 Datasheet HTML 3Page - National Semiconductor (TI) LM2716 Datasheet HTML 4Page - National Semiconductor (TI) LM2716 Datasheet HTML 5Page - National Semiconductor (TI) LM2716 Datasheet HTML 6Page - National Semiconductor (TI) LM2716 Datasheet HTML 7Page - National Semiconductor (TI) LM2716 Datasheet HTML 8Page - National Semiconductor (TI) LM2716 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin Description
Pin
Name
Function
1
PGND
Power ground. AGND and PGND pins must be connected together directly at the part.
2
FB1
Buck output voltage feedback input.
3V
C1
Buck compensation network connection. Connected to the output of the voltage error
amplifier.
4V
BG
Bandgap connection.
5
SS2
Boost soft start pin.
6V
C2
Boost compensation network connection. Connected to the output of the voltage error
amplifier.
7
FB2
Boost output voltage feedback input.
8
AGND
Analog ground. AGND and PGND pins must be connected together directly at the part.
9
AGND
Analog ground. AGND and PGND pins must be connected together directly at the part.
10
PGND
Power ground. AGND and PGND pins must be connected together directly at the part.
11
PGND
Power ground. AGND and PGND pins must be connected together directly at the part.
12
PGND
Power ground. AGND and PGND pins must be connected together directly at the part.
13
SW2
Boost power switch input. Switch connected between SW2 pins and PGND pins. SW2
pins should be connected directly together at the device.
14
SW2
Boost power switch input. Switch connected between SW2 pins and PGND pins. SW2
pins should be connected directly together at the device.
15
SW2
Boost power switch input. Switch connected between SW2 pins and PGND pins. SW2
pins should be connected directly together at the device.
16
V
IN
Analog power input. V
IN pins must be connected together directly at the DUT.
17
V
IN
Analog power input. V
IN pins must be connected together directly at the DUT.
18
SHDN2
Shutdown pin for Boost converter. Active low.
19
FSLCT
Switching frequency select input. Use a resistor to set the frequency anywhere between
300kHz and 600kHz.
20
SS1
Buck soft start pin.
21
SHDN1
Shutdown pin for Buck converter. Active low.
22
CB1
Buck converter bootstrap capacitor connection.
23
V
IN
Analog power input. V
IN pins must be connected together directly at the DUT.
24
SW1
Buck power switch input. Switch connected between V
IN pins and SW1 pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com