Electronic Components Datasheet Search
  English  ▼

X  

IF1900 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # IF1900
Description  1900 MHz MicroSphere Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IF1900 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  IF1900 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
IF1900
1900 MHz MicroSphere Antenna
1900 MHz OMnI-DIrectIOnal In-BuIlDIng antenna
The widespread use of cellular phones and wireless network applications inside buildings has increased the
need for antenna systems that can provide considerable gain over traditional dipole antennas.
Laird Technologies’ in-building wireless antennas are particularly applicable in environments where aesthetics
and wide angle coverage are necessary for successful wireless deployment. Their surprisingly small size allow
the antennas to be hidden almost anywhere, providing an invisible solution for most applications.
Features
• Surprisingly small size allows it to be hidden almost anywhere,
providing an invisible solution for many applications.
• The field pattern is toroidal, providing omni-directional
coverage in any plane around the long axis of the antenna,
and two lobes in any plane parallel to the long axis.
Markets
• The omni-directional pattern is suited to a variety
of uses, including handheld devices, in-building
systems or other applications where mobility is
a factor.
Azimuth Plane
Cut perpendicular to the antenna,
parallel to the connector/cable exit,
perpendicular to the polarization
Elevation Plane
Cut perpendicular to the antenna,
parallel to the connector/cable exit,
parallel to the polarization axis
Omni Plane
Cut in the plane of the antenna
perpendicular to the connector/cable exit
SpecIfIcatIonS
element type
Microstrip
frequency Range
1850 – 1990 MHz
peak Gain
3 dBi
polarization1
Linear
Impedance
50 ohms
Maximum Input power
50 watts
VSWR (Min. performance)
1.5:1
Dimensions (L x W x H)
5.6 x 3.5 x 0.25 cm
Housing
acrylic
operating/Storage temperature
-40º to +70ºc
MoDeL #
RefeRence #
connectoR
If1900-Sf00
caf95955
SMa female panel
MOuntIng OptIOns
• Includes nylon screws for mounting to ceiling tile of finished ceiling
ANT-DS-IF1900 0609
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.


Similar Part No. - IF1900

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
IF1.52PM600 BANNER-IF1.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
IF1.52PM900 BANNER-IF1.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
IF1.52PMXX BANNER-IF1.52PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
IF1.52PXX BANNER-IF1.52PXX Datasheet
15Mb / 42P
Fiber Optic Systems
IF1.52SM600 BANNER-IF1.52SM600 Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - IF1900

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10045-C1A WPI-WPANT10045-C1A Datasheet
132Kb / 2P
850 / 1900 MHz Cellular & 2.4 GHz Wi-Fi Embedded Antenna
WPANT40001-SC1 WPI-WPANT40001-SC1 Datasheet
453Kb / 4P
850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
logo
Laird Tech Smart Techno...
IF2100 LSTD-IF2100 Datasheet
1Mb / 1P
UMTS MicroSphere Antenna
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
2.4 GHz MicroSphere Antenna
IF450 LSTD-IF450 Datasheet
1Mb / 1P
450 MHz MicroSphere Antenna
IF900 LSTD-IF900 Datasheet
1Mb / 1P
900MHz MicroSphere Antenna
IF1800 LSTD-IF1800 Datasheet
1Mb / 1P
1800 MHz MicroSphere Antenna
IFMULT LSTD-IFMULT Datasheet
1Mb / 2P
Multi-band MicroSphere Antenna
IF850 LSTD-IF850 Datasheet
1Mb / 1P
850MHz MicroSphere Antenna
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com