Electronic Components Datasheet Search
  English  ▼

X  

WM8214 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8214
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8214 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8214 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Product Preview
WM8214
w
PP Rev 1.6 March 2004
7
Test Conditions
AVDD = DVDD1 = DVDD2 = 2.97 to 3.63V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 40MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-260
+260
mV
mV
Programmable Gain Amplifier
Resolution
9
bits
Gain equation
]
:
[
PGA
*
.
.
0
8
511
34
7
66
0
+
V/V
Max gain, each channel
GMAX
8
V/V
Min gain, each channel
GMIN
0.66
V/V
Gain error, each channel
1
%
Analogue to Digital Converter
Resolution
16
bits
Speed
40
MSPS
LOWREFS=0
2
V
Full-scale input range
(2*(VRT-VRB))
LOWREFS=1
1.2
V
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.7
∗ DVDD2
V
Low level input voltage
VIL
0.2
∗ DVDD2
V
High level input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CI
5
pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
µA
Digital IO Pins
Applied high level input voltage
VIH
0.7
∗ DVDD2
V
Applied low level input voltage
VIL
0.2
∗ DVDD2
V
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
µA
High level input current
IIH
1
µA
Input capacitance
CI
5
pF
High impedance output current
IOZ
1
µA
Supply Currents
Total supply current
− active
(Three channel mode)
118
mA
Supply current
− full power down
mode
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com