Electronic Components Datasheet Search
  English  ▼

X  

MB4F Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MB4F
Description  SILICON BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MB4F Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MB4F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MB4F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MB4F Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SILICON BRIDGE RECTIFIERS
MB4F--MB10F
Document Number: MBF701AA
www.gmicroelec.com
1
FEATURES
Glass:passivated chip junctions
High surge overload rating: 30A peak
Saves space on printed circuit boards
High temperature soldering guaranteed: 260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750, Method 2026
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
MB4F
MB6F
MB8F
MB10F
UNITS
Peak Repetitive Reverse Voltage
VRRM
400
600
800
1000
V
RMS Reverse Voltage
VRMS
280
420
560
700
V
DC Blocking Voltage
VDC
400
600
800
1000
V
Maximum average forward Output current
@TA=25℃
IF(AV)
0.8
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
MB4F
MB6F
MB8F
MB10F
UNITS
Typical junction capacitance per leg (NOTE 1)
CJ
8
p F
Operating junction temperature range
TJ
- 55 ---- + 150
℃
Storage temperature range
TSTG
- 55 ---- + 150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
MB4F
MB6F
MB8F
MB10F
UNITS
Maximum instantaneous forward voltage
at 0.4 A
VF
1.0
V
Maximum reverse current @TA=25℃
at rated DC blocking voltage @TA=100℃
IR
5.0
0.1
μ A
m A
NOTES: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
Pb
Lead-free


Similar Part No. - MB4F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB4F PACELEADER-MB4F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB4F PFS-MB4F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
WILLAS ELECTRONIC CORP
MB4F WILLAS-MB4F Datasheet
517Kb / 3P
0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
MB4F LUGUANG-MB4F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB4F FORMOSA-MB4F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - MB4F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com