Electronic Components Datasheet Search
  English  ▼

X  

WM8510 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8510
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8510 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8510 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8510 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
WM8510
Product Preview
w
PP Rev 1.2 December 2004
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.62V, AVDD = DBVDD = 3.3V, SPKVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Inputs (MICN, MICP)
Full-scale Input Signal Level
(Note 1) – note this changes
with AVDD
VINFS
PGABOOST = 0dB
INPPGAVOL = 0dB
1.0
0
Vrms
dBV
Mic PGA equivalent input noise
At 35.25dB
gain
TBD
uV
Input resistance
RMICIN
Gain set to 35.25dB
1.6
k
Ω
Input resistance
RMICIN
Gain set to 0dB
47
k
Ω
Input resistance
RMICIN
Gain set to -12dB
75
k
Ω
Input resistance
RMICIP
MICP2INPPGA = 1
94
k
Ω
Input resistance
RMICIP
MICP2INPPGA = 0
TBD
k
Ω
Input Capacitance
CMICIN
10
pF
Recommended coupling cap
CCOUP
220
uF
MIC Input Programmable Gain Amplifier (PGA)
Programmable Gain
-12
35.25
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
TBD
dB
Selectable Input Gain Boost (0/+20dB)
Gain Boost
0
20
dB
Automatic Level Control (ALC)/Limiter – ADC only
Target Record Level
-28.5
-6
dB
Programmable Gain
-12
35.25
dB
Programmable Gain Step Size
Guaranteed Monotonic
0.75
dB
Gain Hold Time (Note 2)
tHOLD
MCLK=12.288MHz
(Note 4)
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 4)
3.3, 6.6, 13.1, … , 3360
(time doubles with each step)
Gain Ramp-Up (Decay) Time
(Note 3)
tDCY
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 4)
0.73, 1.45, 2.91, … , 744
(time doubles with each step)
ms
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 4)
0.83, 1.66, 3.33, … , 852
(time doubles with each step)
Gain Ramp-Down (Attack) Time
(Note 3)
tATK
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 4)
0.18, 0.36, 0.73, … , 186
(time doubles with each step)
ms
Mute Attenuation
TBD
dB
Analogue to Digital Converter (ADC)
Signal to Noise Ratio (Note 5, 6)
A-weighted, 0dB gain
90
dB
Total Harmonic Distortion
(Note 7)
full-scale, 0dB gain
-80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com