Electronic Components Datasheet Search
  English  ▼

X  

5786152-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5786152-3
Description  AMPLIMITE Subminiature D Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5786152-3 Datasheet(HTML) 2 Page - Tyco Electronics

  5786152-3 Datasheet HTML 1Page - Tyco Electronics 5786152-3 Datasheet HTML 2Page - Tyco Electronics 5786152-3 Datasheet HTML 3Page - Tyco Electronics 5786152-3 Datasheet HTML 4Page - Tyco Electronics 5786152-3 Datasheet HTML 5Page - Tyco Electronics 5786152-3 Datasheet HTML 6Page - Tyco Electronics 5786152-3 Datasheet HTML 7Page - Tyco Electronics 5786152-3 Datasheet HTML 8Page - Tyco Electronics 5786152-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
7
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE .050 Series Right-Angle Receptacle Headers, Series III
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Materials:
Housing — Thermoplastic, 94V-0
rated, black. SMT compatible
Shell — Steel, plated bright nickel over
copper
Bracket — Zinc, plated nickel over
copper
Contacts — Phosphor bronze, duplex
plated [.000030] 0.00076 min. gold on
mating end; tin on solder end; all under-
plated nickel
Technical Documents:
Product Specifications — 108-1228
Application Specifications —
114-40029
.463
[11.76]
.118±.003
[3.00±0.08]
K
.406
[10.31]
2-56 UNC 2B
Holes
.100
[2.54]
Typ.
G
E
F
Position 1
Last Position
.050
[1.27]
Typ.
Shown With Boardlocks
Shown With Boardlocks
Shown With Boardlocks
Part Numbers
w/ Rails and Latchblocks
w/o Rails, w/ Latchblocks
w/o Rails, w/o Latchblocks
No. of
Dimensions
With .100 [2.54]
With .100 [2.54]
With .100 [2.54]
With .120 [3.05]
Pos.
E
F
G
K
Solder Tails
Solder Tails
Solder Tails
Solder Tails
Without
With
Without
With
Without
With
With
Boardlocks
Boardlocks
Boardlocks
Boardlocks
Boardlocks
Boardlocks
Boardlocks
40
1.580
.950
1.815
1.415
—
1761028-2
—
5787082-3
—
5787170-4*
—
40.13
24.13
46.10
35.94
50
1.830
1.200
2.065
1.665
5787190-5
1761028-3
5787394-5
5787082-5
—
5787170-5*
5787362-5*
46.48
30.48
52.45
42.29
50
1.830
1.200
2.065
1.665
—
5787266-5*
—
5787395-5*
—
—
—
46.48
30.48
52.45
42.29
68
2.280
1.650
2.515
2.115
5787190-7
1761028-4
5787394-7
5787082-7
5787169-7* 5787170-7*
5787362-7*
57.91
41.91
63.88
53.72
100
3.080
2.450
3.315
2.915
—
1761028-5
—
5787082-9
5787169-9* 5787170-9*
5787362-9*
78.23
62.23
84.20
74.04
*Has 4-40 threaded mating holes (2 places), for use with female screwlock Part No. 750644-1.
Note: Refer to Tyco Electronics Customer drawings and Application Spec for PCB & panel layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com