Electronic Components Datasheet Search
  English  ▼

X  

LMC7211 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7211
Description  Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7211 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC7211 Datasheet HTML 5Page - National Semiconductor (TI) LMC7211 Datasheet HTML 6Page - National Semiconductor (TI) LMC7211 Datasheet HTML 7Page - National Semiconductor (TI) LMC7211 Datasheet HTML 8Page - National Semiconductor (TI) LMC7211 Datasheet HTML 9Page - National Semiconductor (TI) LMC7211 Datasheet HTML 10Page - National Semiconductor (TI) LMC7211 Datasheet HTML 11Page - National Semiconductor (TI) LMC7211 Datasheet HTML 12Page - National Semiconductor (TI) LMC7211 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Information (Continued)
6.0 Input Protection
If input signals are like to exceed the common mode range of
the LMC7211, or it is likely that signals may be present when
power is off, damage to the LMC7211 may occur. Large
value (100 k
Ω to MΩ) input resistors may reduce the likeli-
hood of damage by limiting the input currents. Since the
LMC7211 has very low input leakage currents, the effect on
accuracy will be small. Additional protection may require the
use of diodes, as shown in
Figure 7. Note that diode leakage
current may affect accuracy during normal operation. The
R-C time constant of R
IN and the diode capacitance may
also slow response time.
7.0 Layout Considerations
The LMC7211 is not an especially fast comparator, so high
speed design practices are not required. The LMC7211 is
capable of operating with very high impedance inputs, so
precautions should be taken to reduce noise pickup with
high impedance (
∼ 100 kΩ and greater) designs and in elec-
trically noisy environments.
Keeping high value resistors close to the LMC7211 and mini-
mizing the size of the input nodes is a good practice. With
multilayer designs, try to avoid long loops which could act as
inductors (coils). Sensors which are not close to the com-
parator may need twisted pair or shielded connections to re-
duce noise.
8.0 Open Drain Output, Dual Versions
The LMC7221 is a comparator similar to the LMC7211, but
with an open drain output which allows the output voltage to
be different (higher or lower) than the supply voltage. The
open drain output is like the open collector output of a logic
gate. This makes the LMC7221 very useful for mixed voltage
systems. Many systems will have different voltages for the
analog and microprocessor sections. Please see the
LMC7221 datasheet for details.
The performance of the LMC7211 is available in dual de-
vices. Please see the LMC6762 datasheet for details on a
dual push-pull output device. For a dual device with open
drain outputs, please see the LMC6772 datasheet.
Rail-to-Rail Input Low Power Comparators —
Push-Pull Output
LMC7211
SOT23-5, SO-8
Single
LMC6762
SO-8, DIP
Dual
Open Drain Output
LMC7221
SOT23-5, SO-8
Single
LMC6772
SO-8, DIP
Dual
DS012337-9
RF @ R1 and
RF @ R2
FIGURE 4. Positive Feedback for Hysteresis
Without Positive Feedback
(No Hysteresis)
DS012337-10
FIGURE 5.
With Positive Feedback
(Hysteresis or Memory)
DS012337-11
FIGURE 6.
DS012337-12
FIGURE 7.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com