Electronic Components Datasheet Search
  English  ▼

X  

LMC66 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC66
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC66 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC66 Datasheet HTML 1Page - National Semiconductor (TI) LMC66 Datasheet HTML 2Page - National Semiconductor (TI) LMC66 Datasheet HTML 3Page - National Semiconductor (TI) LMC66 Datasheet HTML 4Page - National Semiconductor (TI) LMC66 Datasheet HTML 5Page - National Semiconductor (TI) LMC66 Datasheet HTML 6Page - National Semiconductor (TI) LMC66 Datasheet HTML 7Page - National Semiconductor (TI) LMC66 Datasheet HTML 8Page - National Semiconductor (TI) LMC66 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC662
CMOS Dual Operational Amplifier
General Description
The LMC662 CMOS Dual operational amplifier is ideal for
operation from a single supply. It operates from +5V to +15V
and features rail-to-rail output swing in addition to an input
common-mode range that includes ground. Performance
limitations that have plagued CMOS amplifiers in the past
are not a problem with this design. Input V
OS, drift, and
broadband noise as well as voltage gain into realistic loads
(2 k
Ω and 600Ω) are all equal to or better than widely ac-
cepted bipolar equivalents.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC660 datasheet for a Quad CMOS operational
amplifier with these same features.
Features
n Rail-to-rail output swing
n Specified for 2 k
Ω and 600Ω loads
n High voltage gain:
126 dB
n Low input offset voltage:
3 mV
n Low offset voltage drift:
1.3 µV/˚C
n Ultra low input bias current:
2 fA
n Input common-mode range includes V
−
n Operating range from +5V to +15V supply
n ISS = 400 µA/amplifier; independent of V+
n Low distortion:
0.01% at 10 kHz
n Slew rate:
1.1 V/µs
n Available in extended temperature range (−40˚C to
+125˚C); ideal for automotive applications
n Available to a Standard Military Drawing specification
Applications
n High-impedance buffer or preamplifier
n Precision current-to-voltage converter
n Long-term integrator
n Sample-and-hold circuit
n Peak detector
n Medical instrumentation
n Industrial controls
n Automotive sensors
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Extended
Industrial
Commercial
8-Pin
LMC662AMJ/883
J08A
Rail
Ceramic DIP
8-Pin
LMC662EM
LMC662AIM
LMC662CM
M08A
Rail,
Small Outline
Tape and Reel
8-Pin
LMC662EN
LMC662AIN
LMC662CN
N08E
Rail
Molded DIP
8-Pin
Side Brazed
LMC662AMD
D08C
Rail
Ceramic DIP
8-Pin DIP/SO
DS009763-1
April 1998
© 1999 National Semiconductor Corporation
DS009763
www.national.com


Similar Part No. - LMC66

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC66 NSC-LMC66 Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
LMC66 NSC-LMC66 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC66 NSC-LMC66 Datasheet
465Kb / 14P
AUTO-ZERO
LMC66 NSC-LMC66 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
CMOS Quad Operational Amplifier
More results

Similar Description - LMC66

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
CMOS Dual Operational Amplifier
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com