Electronic Components Datasheet Search
  English  ▼

X  

CSD18510KCS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18510KCS
Description  40-V N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18510KCS Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD18510KCS Datasheet HTML 5Page - Texas Instruments CSD18510KCS Datasheet HTML 6Page - Texas Instruments CSD18510KCS Datasheet HTML 7Page - Texas Instruments CSD18510KCS Datasheet HTML 8Page - Texas Instruments CSD18510KCS Datasheet HTML 9Page - Texas Instruments CSD18510KCS Datasheet HTML 10Page - Texas Instruments CSD18510KCS Datasheet HTML 11Page - Texas Instruments CSD18510KCS Datasheet HTML 12Page - Texas Instruments CSD18510KCS Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MAX
ALL AROUND
(1.7)
3X (
)
1.2
(2.54)
(5.08)
R (
)
0.05
2X (
)
METAL
1.7
2X SOLDER MASK
OPENING
4222214/A 10/2015
TO-220 - 19.65 mm max height
KCS0003B
TO-220
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE:15X
1
2
3
OPENING
SOLDER MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com