Electronic Components Datasheet Search
  English  ▼

X  

80C08C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 80C08C
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C08C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 80C08C Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C08C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Optical Signal Analysis •
www.tektronix.com/optical 11
Optical Sampling Modules
80C01 • 80C02 • 80C07B • 80C08C • 80C10 • 80C11 • 80C12
Ordering Information
80C01
Optical Sampling Module.
Includes: User manual, FC/PC optical connector.
Frequency response curves for 622, 2488 and
9953 Mb/s filter rates.
Opt. CR – 622 and 2488 Mb/s clock recovery.
80C02
Optical Sampling Module.
Includes: User manual, FC/PC optical connector.
Frequency response curves for 9.953 Gb/s
filter rates.
Opt. CR – 9.953 Gb/s clock recovery.
80C07B
Multi-rate Datacom and Telecom Optical
Sampling Module.
Includes: User Manual, FC/PC Optical Connector.
Frequency response curves for 2.488, 2.500 Gb/s
data rates plus selected filter option data rates.
Opt. CR1 – 155/622/1063/1250/2125/2488/
2500/2666 Mb/s clock/data recovery.
User must select any one (1) of the following
filter options:
Opt. F1 – 155, 622 Mb/s.
Opt. F2 – 155, 1063 Mb/s.
Opt. F3 – 155, 1250 Mb/s.
Opt. F4 – 155, 2125 Mb/s.
Opt. F5 – 622, 1063 Mb/s.
Opt. F6 – 622, 1250 Mb/s.
Opt. F7 – 622, 2125 Mb/s.
Opt. F8 – 1063, 1250 Mb/s.
Opt. F9 – 1063, 2125 Mb/s.
Opt. F10 – 1250, 2125 Mb/s.
80C08C
Multi-rate Datacom and Telecom Optical
Sampling Module.
Includes: User Manual, FC/PC optical connector.
Frequency response curves for 9.953, 10.31,
10.52, 10.66, 10.71, 11.1 Gb/s filter rates.
Opt. CR1 – 9.953, 10.31 Gb/s clock recovery.
Opt. CR2 – 10.31, 10.52 Gb/s clock recovery.
Opt. CR4 – Continuous rate clock recovery
supporting any standard or user-definable rate
in the range from 9.8 to 12.6 Gb/s.
80C10
Multi-rate Optical Sampling Module.
Includes: User manual, FC/PC optical connector.
Frequency response curves for 39.813 and
43.108 Gb/s filter rates.
80C10E1 – Bundled ordering configuration
includes 80C10 plus one 80E06 single-channel
70+ GHz electrical module.
80C11
Multi-rate Datacom and Telecom Optical
Sampling Module.
Includes: User Manual, FC/PC optical connector.
Frequency response curves for 9.953, 10.31,
10.52, 10.66, 10.71, 11.1 Gb/s filter rates.
Opt. CR1 – 9.953 Gb/s clock recovery.
Opt. CR2 – 9.953, 10.66 Gb/s clock recovery.
Opt. CR3 – 9.953, 10.71 Gb/s clock recovery.
Opt. CR4 – Continuous rate clock recovery
supporting any standard or user-definable rate
in the range from 9.8 to 12.6 Gb/s.
80C12
Multi-rate Datacom and Telecom Optical
Sampling Module.
Includes: User Manual, FC/PC optical connector.
Frequency response curves for all included refer-
ence receiver filter rates.
Clock recovery is available using the 80A05.
The 80C12 Multi-rate Telecom & Datacom Optical
Sampling Module is available with a wide variety
of factory-configured signal conditioning options.
These options provide a variety of reference
receiver filtering and unfiltered signal acquisition
bandwidths. The user must specify one of the
following options when ordering this module:
Opt. F1 – 1063, 2125, 4250 Mb/s Filters,
4.25 GHz Full Bandwidth.
Opt. F2 – 2125, 4250 Mb/s Filters, 9 GHz
Full Bandwidth.
Opt. F3 – 1063, 2125 Mb/s Filters, 9 GHz
Full Bandwidth.
Opt. F4 – 2125, 3125, 3187.5, 4250 Mb/s Filters,
4.25 GHz Full Bandwidth.
Opt. F5 – 3125, 3187.5, 4250 Mb/s Filters,
9 GHz Full Bandwidth.
Opt. F6 – 2125, 3125, 3187.5 Mb/s Filters,
9 GHz Full Bandwidth.
Opt. FC – 3125, 3187.5, 3318 Mb/s Filters,
9 GHz Full Bandwidth.
Opt. 10G – 9.95, 10.31, 10.52, 10.66, 10.71,
11.1 Gb/s Filters, 10 GHz Full Bandwidth.
Service
Opt. C3 – Calibration Service 3 Years.
Opt. C5 – Calibration Service 5 Years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 Years
(with Option C3).
Opt. D5 – Calibration Data Report 5 Years
(with Option C5).
Opt. R3 – Repair Service 3 Years.
Opt. R5 – Repair Service 5 Years.
Optical Connector
Accessories
While the FC/PC connector is standard with the
8000 Series optical sampling modules, the input
connector type can be interchanged with any of
the following standard adapters:
ST/PC – Order 119-4513-00.
D4/PC – Order 119-4514-00.
Biconic – Order 119-4515-00.
FC/APC – Order 119-5115-00.
SMA 2.5 – Order 119-4517-00.
SC/APC – Order 119-5116-00.
DIN/PC 47256 – Order 119-4546-00.
HP/PC – Order 119-4556-00.
SMA – Order 119-4557-00.
DIAMOND 3.5 – Order 119-4558-00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com