Electronic Components Datasheet Search
  English  ▼

X  

157 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 157
Description  7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

157 Datasheet(HTML) 3 Page - Vishay Siliconix

  157 Datasheet HTML 1Page - Vishay Siliconix 157 Datasheet HTML 2Page - Vishay Siliconix 157 Datasheet HTML 3Page - Vishay Siliconix 157 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 157
www.vishay.com
Vishay Spectrol
Revision: 06-Nov-15
3
Document Number: 57042
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
MATERIAL SPECIFICATIONS
Housing/Bushing
Aluminum, anodized
Rear Lid
Ceramic
Shaft
Stainless steel
Terminals
Solderable
Bushing Mount Hardware
Lockwasher, internal tooth steel, nickel plated
Panel Nut
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Temperature
-55 °C to +125 °C
Rotational Life
BUSHING
5 million shaft revolutions
SERVO
10 million shaft revolutions
Moisture Resistant
Yes
Vibration
15 g 10 to 2000 Hz
Shock
50 g
Salt Spray
96 h
Load Life
900 h



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com