Electronic Components Datasheet Search
  English  ▼

X  

657 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 657
Description  Fully sealed for high immunity to environmental damage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

657 Datasheet(HTML) 1 Page - Vishay Siliconix

  657 Datasheet HTML 1Page - Vishay Siliconix 657 Datasheet HTML 2Page - Vishay Siliconix 657 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model 657
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
1
Document Number: 57077
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Industrial Rotary Position Sensor
Bushing Mount Type, Conductive Plastic
FEATURES
• Fully sealed for high immunity to environmental damage
• Excellent temperature stability
• Rotational life exceeds 2 million revolutions
• Low cost and wide range of options
• Stainless steel shaft
•Shock to 30 g vibration to 15 g at 10 Hz to 2000 Hz
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial
Dimensions
15.81 mm x 17.46 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
Standard resistance
1 k
 to 100 k
Capability range
200 k
Resistance tolerance
± 20 %
Linearity
± 2 %
Power rating
1.0 W at 85 °C
Electrical travel
240° ± 4°
Dielectric withstanding
500 VRMS at 60 Hz minimum
Output smoothness
0.2 % maximum
MECHANICAL SPECIFICATIONS
PARAMETER
Bearing type
Sleeve
Mechanical rotation
250° ± 2°
Stop strength
10 in - lb minimum, 11.5 kg/cm
Starting torque
3.0 o.z - in maximum, 216 g/cm
Running torque
3.0 oz. - in maximum, 216 g/cm
ORDERING INFORMATION/DESCRIPTION
657
B
F
0
50 k
B10
MODEL
STYLE
SHAFT OPTIONS
SHAFT BUSHING OPTIONS
TOTAL
RESISTANCE
PACKAGING
AB
C
B: Bushing
R - Round
F - Flatted
Shaft length
0 - 0.875" FMS
1 - 0.625" FMS
2 - 1.000" FMS
3 - 1.250" FMS
Bushing length
0.375" FMS
0.250" FMS
0.500" FMS
0.750" FMS
Flat
0.440"
0.315"
0.440"
0.440"
Box of 10
pieces
SAP PART NUMBERING GUIDELINES
657B
R
1
103
BO10
MODEL
END SHAFT
SHAFT AND
BUSHING OPTIONS
OHMIC VALUE
PACKAGING
R: Round
(see above)


Similar Part No. - 657

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
657 VISHAY-657 Datasheet
226Kb / 3P
Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
27-Mar-15
logo
Abbatron All Rights Res...
657 ABBATRON-657 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Glenair, Inc.
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C10 GLENAIR-657-072C10 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-072C11 GLENAIR-657-072C11 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
More results

Similar Description - 657

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
logo
Solid State Optronic
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
High transient immunity
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
High transient immunity
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
High Noise Immunity
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
High Noise Immunity
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
Rugged & damage-resistant
4/28/14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com