Electronic Components Datasheet Search
  English  ▼

X  

AVT010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AVT010
Description  High temperature vitreous coating
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AVT010 Datasheet(HTML) 1 Page - Vishay Siliconix

  AVT010 Datasheet HTML 1Page - Vishay Siliconix AVT010 Datasheet HTML 2Page - Vishay Siliconix AVT010 Datasheet HTML 3Page - Vishay Siliconix AVT010 Datasheet HTML 4Page - Vishay Siliconix AVT010 Datasheet HTML 5Page - Vishay Siliconix AVT010 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
1
Document Number: 31841
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power,
Vitreous Coated, Adjustable Tubular
FEATURES
• High temperature vitreous coating
• Complete welded construction
• Tight tolerance of 5 % for values above 1
• Excellent stability in operation (< 3 % change in
resistance)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
AVT010
AVT-10
12
0.1 to 10.2K
0.1 to 10.2K
6.69
AVT020
AVT-20
20
1.0 to 18K
1.0 to 18K
12.57
AVT20A
-
15
1.0 to 60K
0.10 to 60K
8.64
AVT025
AVT-25
25
0.1 to 23K
0.1 to 23K
20.72
AVT25A
AVT-25A
30
0.1 to 30K
0.1 to 30K
20.72
AVT25B
AVT-25B
30
0.1 to 24K
0.1 to 24K
14.25
AVT050
AVT-50
50
0.1 to 57K
0.1 to 57K
42.08
AVT50A
AVT-50A
60
0.1 to 75K
0.1 to 75K
65.64
AVT50B
AVT-50B
70
0.1 to 84.3K
0.1 to 84.3K
64.82
AVT075
AVT-75
75
0.1 to 85.5K
0.1 to 85.5K
106.37
AVT75A
AVT-75A
90
0.1 to 114K
0.1 to 114K
183.82
AVT080
-
90
1.0 to 190K
0.10 to 190K
121.58
AVT100
AVT-100
100
0.1 to 132K
0.1 to 132K
91.37
AVT130
AVT-130
130
0.1 to 192K
0.1 to 192K
192.36
AVT160
AVT-160
175
0.1 to 398K
0.1 to 398K
250.8
AVT175
-
175
1.0 to 500K
0.10 to 500K
250.8
AVT200
AVT-200
225
0.1 to 337K
0.1 to 337K
309.97
AVT225
AVT-225
225
0.1 to 337K
0.1 to 337K
309.97


Similar Part No. - AVT010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-100 ETC2-AVT-100 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-130 ETC2-AVT-130 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-160 ETC2-AVT-160 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
AVT-200 ETC2-AVT-200 Datasheet
70Kb / 1P
ADJUSTABLE WIREWOUND RESISTORS
More results

Similar Description - AVT010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Ohmite Mfg. Co.
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
Vitreous Enamel Power
L100J25RE OHMITE-L100J25RE Datasheet
180Kb / 1P
Vitreous Enamel Power
logo
List of Unclassifed Man...
W22-100RJI ETC2-W22-100RJI Datasheet
559Kb / 3P
Vitreous Enamelled Vitreous Enamelled
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
Coating Thickness Tester
logo
Ohmite Mfg. Co.
EVF OHMITE-EVF Datasheet
475Kb / 2P
Vitreous Enamel Power
RES-210 OHMITE-RES-210 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
logo
List of Unclassifed Man...
4223 ETC-4223 Datasheet
162Kb / 5P
Urethane Conformal Coating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com