Electronic Components Datasheet Search
  English  ▼

X  

CCM12 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CCM12
Description  Operates in many radio frequencies for worldwide deployment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CCM12 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CCM12 Datasheet HTML 1Page - Laird Tech Smart Technology CCM12 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CattronControl™
CCM12
The CCM12 is a compact CAN-bus Machine Control Unit, (MCU) that is part of the CattronControl™
family of products.
The CCM12 features high levels of inherent safety and incorporated within its robust IP66 high impact
enclosure are a dual monitored low voltage power supply, RF transceiver, dual microprocessor, dual
Safety relays and dual CAN-bus interface, enabling the CCM12 to suit almost any crane, machine or
vehicle application where safety is valued.
The CCM12 features the latest generation Safety Critical Hardware and Software design, making this
unit the ideal choice for clients seeking peace of mind and confidence that Safety and productivity will
be maintained at the highest level.
The CCM12 like the rest of the CattronControl™ range, features an easy to change RFID Transkey™, for
simple unit configuration, this allows facilities to quickly deploy spare units by simply swapping the RFID
Transkey™ between the operating unit and a spare, downtime and spares holding are minimized.
The CCM12 is ideally suited to any machine but is also tested and rated to ISO 15998, functional safety
of earth moving machinery and ISO 7637-2 for high levels of EMC on road vehicles.
The CCM12 can also be used with any of the diverse range of operator control units from the
CattronControl™ range.
Systems-US-Sales@lairdtech.com
+1.724.962.3571
+1.760.737.7800
Systems-CDN-Sales@lairdtech. com
+1.514.908.1659
Systems-EU-Sales@lairdtech.com
+49.2161.6363.0
Systems-UK-Sales@lairdtech.com
+44.0.1932.247.511
Systems-CN-Sales@lairdtech.com
+86.21.3120.0188
Systems-SA-Sales@lairdtech.com
+27.11.425.1123
Systems-BR-Sales@lairdtech.com
+55.19.3243.7803
www.lairdtech.com
FEATURES
• CANopen Communication Profile CiA DS 301
V4.02
• High safety-class through dual node hardware
and software architecture
• Operates in many radio frequencies for
worldwide deployment
• With data feedback option back to the
transmitter unit
• Features 2 monitored safety relays
• High-impact-resistant housing with protection
class lP66
FEATURES
• Compatible with several transmitter types and
models
• Dual CAN-bus interfaces complying ISO 1898-
2 — CAN
• Optional with vehicle bus standard SAE J1939
• Additional dual safety relay output
• Galvanically isolated bus electronics
• Supports all standard baud rates


Similar Part No. - CCM12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CCM1200 MACOM-CCM1200 Datasheet
182Kb / 2P
Power Entry Modules
CCM1200-ND MACOM-CCM1200-ND Datasheet
182Kb / 2P
Power Entry Modules
CCM1201 MACOM-CCM1201 Datasheet
182Kb / 2P
Power Entry Modules
CCM1201-ND MACOM-CCM1201-ND Datasheet
182Kb / 2P
Power Entry Modules
CCM1252 MACOM-CCM1252 Datasheet
182Kb / 2P
Power Entry Modules
More results

Similar Description - CCM12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
Quad-Channel Driver for Airbag Deployment
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
The device is optimized for use in many industrial and commercial applications
BL24C32 BELLING-BL24C32 Datasheet
260Kb / 13P
The device is optimized for use in many industrial and commercial applications
BL24C128 BELLING-BL24C128 Datasheet
373Kb / 14P
The device is optimized for use in many industrial and commercial applications
logo
Anaren Microwave
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
Operates in the 2.4GHz ISM band
logo
MRV Communications, Inc...
EM316T3E3-XY MRV-EM316T3E3-XY Datasheet
1Mb / 4P
Many optional functions in one single module
logo
Dialight Corporation
553-0711-110F DIALIGHT-553-0711-110F Datasheet
367Kb / 1P
The Worldwide Leader in LED Technology.
logo
List of Unclassifed Man...
S5620 ETC2-S5620 Datasheet
1Mb / 2P
Single-socket server implementation for CSP deployment
logo
Cynergy3 Co
FFSMC10AU10 CYNERGY3-FFSMC10AU10 Datasheet
1Mb / 2P
Operates in Turbulent Fluids
logo
Laird Tech Smart Techno...
MMCU4 LSTD-MMCU4 Datasheet
282Kb / 2P
Approvals and frequencies for worldwide deployment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com