Electronic Components Datasheet Search
  English  ▼

X  

CT24 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CT24
Description  High safety class through redundant hardware and safety critical architecture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CT24 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CT24 Datasheet HTML 1Page - Laird Tech Smart Technology CT24 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WACS-DS-CT24_102314
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2014 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks
or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides
a license under any Laird or any third party intellectual property rights.
CattronControl™
CT24
TECHNICAL DATA AND SPECIFICATIONS
ELECTRONIC DATA
Commands
9, 17 or 32 relays +
2 safety stop relays
Digital circuitry
Dual-processor technology
System addresses
24 bits =
16 million addresses
Hamming distance d=6
(Telegram verification)
Supply voltage
42, 48, 115, 230 V AC
(nominal voltage)
12/24 V DC (optional)
Power consumption 15 VA
MECHANICAL DATA
Dimensions/weight
CT24-09
CT24-17
CT 24-32
150 x 170 x 105 mm 1.05 kg
(5.9 x 6.7 x 4.2 inches) (2.3 lbs)
235 x 170 x 105 mm 1.50 kg
(9.3 x 6.7 x 4.3 inches) (3.3 lbs)
310 x 170 x 105 mm 2.5 kg
(12.2 x 6.7 x 4.2 inches) (5.5 lbs)
Housing material
SB plastic, colour gray
Housing
protection rating
IP65
Operating
temperature
-20⁰ to +60⁰ C
(-4⁰ to +140⁰ F)
Storage
temperature
-40⁰ to +70⁰ C
(-4⁰ to +155⁰ F)
Vibration and
shock
Vibration/impact and
shock tested
RF
Frequency range
335 MHz
406-419 MHz
433-434 MHz
447-473 MHz
869 MHz
902-927 MHz
other frequencies
on request
Transmission speed 4.8 to 20 kbit/s
Receive sensitivity
-107 dBm
Modulation
FM
RF channel spacing 12.5 kHz; 25 kHz
and others
Antenna
Internal or external
OPERATION AND INDICATION
Outputs
CT24-09
CT24-17
CT 24-32
9 command relays
(7 no + 2 co) + 2 stop
17 command relays
(15 no + 2 co) + 2 stop
32 command relays
(28 no + 4 co) + 2 stop
Relays
6A 250V AC
Transkey™
System configuration,
address and RF channel setting
LED
5 multi-function LEDs
STANDARDS
Safety
EN 13849-1 Category 3 PL d
EN 60204-1
EN 60204-32
CE Compliant
ACCESSORIES
Interface
connection
2 cable glands (standard)
Han24, Han32,
Han64 (optional)
Antenna
Optional external antenna
and line kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com