Electronic Components Datasheet Search
  English  ▼

X  

T83 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T83
Description  Standard and low ESR options
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T83 Datasheet(HTML) 3 Page - Vishay Siliconix

  T83 Datasheet HTML 1Page - Vishay Siliconix T83 Datasheet HTML 2Page - Vishay Siliconix T83 Datasheet HTML 3Page - Vishay Siliconix T83 Datasheet HTML 4Page - Vishay Siliconix T83 Datasheet HTML 5Page - Vishay Siliconix T83 Datasheet HTML 6Page - Vishay Siliconix T83 Datasheet HTML 7Page - Vishay Siliconix T83 Datasheet HTML 8Page - Vishay Siliconix T83 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
T83
www.vishay.com
Vishay Sprague
Revision: 14-Nov-16
3
Document Number: 40077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors, for details see FAQ: www.vishay.com/doc?40110.
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
STD. (S)
MAX. ESR
AT +25 °C
100 kHz
(
)
LOW (L)
MAX. ESR
AT +25 °C
100 kHz
(
)
AVAILABLE
RELIABILITY
LEVELS
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
2.2
A
T83A225(1)004(2)(6)(4)(5)
0.50
6
7.600
6.000
A, B, C, S, Z
3.3
A
T83A335(1)004(2)(3)(4)(5)
0.50
6
7.600
4.000
A, B, S, Z
4.7
A
T83A475(1)004(2)(6)(4)(5)
0.50
6
6.300
3.500
A, B, C, S, Z
6.8
B
T83B685(1)004(2)(6)(4)(5)
0.50
6
4.500
2.000
A, B, C, S, Z
10
B
T83B106(1)004(2)(6)(4)(5)
0.50
6
3.500
1.200
A, B, C, S, Z
15
B
T83B156(1)004(2)(6)(4)(5)
0.60
6
2.900
1.200
A, B, C, S, Z
33
A
T83A336(1)004(2)(3)(4)(5)
1.3
6
2.900
1.500
A, B, S, Z
33
C
T83C336(1)004(2)(6)(4)(5)
1.3
6
1.800
0.500
A, B, C, S, Z
47
B
T83B476(1)004(2)(3)(4)(5)
1.9
6
2.500
0.600
A, B, S, Z
47
C
T83C476(1)004(2)(3)(4)(5)
1.9
6
1.800
0.400
A, B, S, Z
68
D
T83D686(1)004(8)(6)(4)(5)
2.7
6
0.800
0.175
A, B, C, S, Z
100
B
T83B107(1)004(2)(3)(4)(5)
4.0
6
1.800
0.450
A, B, S, Z
100
D
T83D107(1)004(8)(6)(4)(5)
4.0
6
0.700
0.175
A, B, C, S, Z
150
D
T83D157(1)004(8)(3)(4)(5)
6.0
8
0.600
0.150
A, B, S, Z
330
E
T83E337(1)004(8)(3)(4)(5)
13.2
8
0.500
0.100
A, B, S, Z
6 VDC AT +85 °C; 4 VDC AT +125 °C
1.5
A
T83A155(1)6R3(2)(6)(4)(5)
0.50
6
8.000
6.000
A, B, C, S, Z
2.2
A
T83A225(1)6R3(2)(6)(4)(5)
0.50
6
7.600
6.000
A, B, C, S, Z
3.3
A
T83A335(1)6R3(2)(6)(4)(5)
0.50
6
6.300
5.000
A, B, C, S, Z
4.7
A
T83A475(1)6R3(2)(3)(4)(5)
0.50
6
5.500
3.500
A, B, S, Z
4.7
B
T83B475(1)6R3(2)(6)(4)(5)
0.50
6
3.400
1.800
A, B, C, S, Z
6.8
B
T83B685(1)6R3(2)(6)(4)(5)
0.50
6
3.400
1.200
A, B, C, S, Z
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, K, H, L, M, Z, R, N
(3) Reliability level: A, B, S, Z
(4) Surge current: A, B, C, Z, S
(5) ESR: L, S
(6) Reliability level: A, B, C, S, Z
(7) Reliability level: A, S, Z
(8) Termination and packaging: C, E, K, H, L, M, R, N, Z, V, T, S
Capacitance code, pF
Indicates Hi-Rel COTS
Polarity band (+)
Voltage code
V 104T
A Case
Date code
designation
Date code
Vishay marking
Indicates Hi-Rel COTS
Voltage
Capacitance μF
Polarity
band (+)
22
T10
XX
2
B, C, D, E Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com