Electronic Components Datasheet Search
  English  ▼

X  

SCU32 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SCU32
Description  All inputs galvanically isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SCU32 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SCU32 Datasheet HTML 1Page - Laird Tech Smart Technology SCU32 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
CattronControl
global solutions: local support
TM
Europe - Canada - China - United Kingdom - South America - South Africa - United States
+49-2161-6363-0
www.cattron-theimeg.de
www.lairdtech.com
SCU32
• Transmits up to 32 + 4 digital commands
and up to 8 analog signals
• All inputs galvanically isolated
• Rugged, industrial design housing
with protection class IP65
• System parameter and configuration setting
via TransKeyTM (RFID)
• Internal, isolated power supply for
optocoupler inputs
• Industrial AC power supply,
optional DC power supplies available
• Optionally configurable with antenna diversity
• High safety-class through redundant hard and
software architecture
• Approvals and frequencies for worldwide deployment
• Compatible with a number of receiver units,
featuring various interface options
FEATURES
RF
Frequency range
335 MHz
(< 1 mW ERP)
418 MHz
(< 10 mW ERP)
433 MHz
(< 10 mW ERP)
447 MHz
(< 10 mW ERP)
869 MHz
(< 5 mW ERP)
915 MHz
(FCC part 15)
other frequencies on request
Transmission speed
4.8 to 20 kbit/s
Transmitter
output power
1-500 mW with various modules
(within permitted limits)
Modulation
FM
RF channel spacing
12.5 kHz; 25 kHz and others
Antenna
External
SCU32 the radio remote control transmitter of the family CattronControlTM transmits control signals from point to
point. Redundant hardware and software architecture provide a safe and reliable radio link for many industrial
applications and wireless solutions for cranes, lifting systems and machines.
TECHNICAL DATA AND SPECIFICATIONS
ELECTRONIC DATA
Inputs
32 optocouplers for commands
4 optocouplers for stop
input voltage 12/24 V DC
8 analog inputs with
8 bit resolution
Digital circuitry
Dual-processor technology
System addresses
24 bits = 16 million addresses
Hamming distance
d=6 (Telegramm verification) 16 bit CRC
Supply voltage
42/48, 115/230 V AC
12/24 V DC (nominal)
Power consumption
Max. 10 VA (nominal)
Internal Power
supply
12 V DC for optocouplers
OPERATION AND INDICATION
TransKey
System configuration,
address and RF channel setting


Similar Part No. - SCU32

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SCU-2370 HANWHAVISION-SCU-2370 Datasheet
660Kb / 3P
37x High Resolution Weatherproof Positioning System
SCU-9051 HANWHAVISION-SCU-9051 Datasheet
290Kb / 2P
Weatherproof Thermal Positioning System
SCU-9080 HANWHAVISION-SCU-9080 Datasheet
291Kb / 2P
Wehtherproof Thermal Positioning Camera
logo
Bogen Communications LL...
SCU250 BOGEN-SCU250 Datasheet
1Mb / 8P
BOGEN MICROPHONES
logo
Shenzhen Winsemi Microe...
SCU4C60S WINSEMI-SCU4C60S Datasheet
433Kb / 5P
Silicon Controlled Rectifiers
More results

Similar Description - SCU32

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
Automotive-Grade, Galvanically Isolated Current Sensor IC
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com