Electronic Components Datasheet Search
  English  ▼

X  

UT9 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # UT9
Description  Reliable solid state operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

UT9 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  UT9 Datasheet HTML 1Page - Laird Tech Smart Technology UT9 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
UltraTECTM Series UT9,28,F2,4040
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SUFFIX
THICKNESS
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
TA
0.110” +/- 0.001”
0.0008” / 0.0016”
Lapped
Lapped
6.0”
2.80 +/- 0.02 mm
0.02 mm / 0.04 mm
Lapped
Lapped
152.4 mm
FEATURES
• Highheatpumpdensity
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
APPLICATIONS
• Analyticalinstrumentation
• Clinicaldiagnostics
• Photonicslasersystems
• Electronicenclosurecooling
• Foodandbeveragecooling
• Chillers(liquidcooling)
TheUltraTECTMSeriesisahighheatpumpingdensitythermoelectricmodule(TEM).Themoduleis
assembledwithalargenumberofsemiconductorcouplestoachieveahigherheatpumpingcapacity
thanstandardsinglestageTEMs.
Thisproductlineisavailableinmultipleconfigurationsandisidealforapplicationsthatrequirehigher
coolingcapacitieswithlimitedsurfacearea.AssembledwithBismuthTelluridesemiconductormaterial
andthermallyconductiveAluminumOxideceramics,theUltraTECTMSeriesisdesignedforhigher
currentandlargerheat-pumpingapplications.
PERFORMANCE SPECIFICATIONS
Hotsidetemperature(°C)
25
Qmax(watts)
206
DeltaTmax(°C)
68
Imax(amps)
9.2
Vmax(volts)
36.7
SUFFIX SEALANT
COLOR
TEMP RANGE DESCRIPTION
RT
RTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
EP
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
SEALING OPTION


Similar Part No. - UT9

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT90N03 UTC-UT90N03 Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TM3-T UTC-UT90N03G-TM3-T Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TN3-R UTC-UT90N03G-TN3-R Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TQ2-R UTC-UT90N03G-TQ2-R Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TQ2-T UTC-UT90N03G-TQ2-T Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
More results

Similar Description - UT9

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OT08 LSTD-OT08 Datasheet
802Kb / 2P
Reliable solid state operation
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
MRC150 LSTD-MRC150 Datasheet
738Kb / 2P
Reliable Solid State Operation
AA-040-12-22 LSTD-AA-040-12-22 Datasheet
934Kb / 2P
Reliable solid-state operation
AA-200-24-22 LSTD-AA-200-24-22 Datasheet
959Kb / 2P
Reliable solid-state operation
DL-120-24-00-00-00 LSTD-DL-120-24-00-00-00 Datasheet
232Kb / 4P
Reliable solid-state operation
OT20 LSTD-OT20 Datasheet
604Kb / 2P
Reliable solid state operation
PT6 LSTD-PT6 Datasheet
609Kb / 2P
Reliable Solid State Operation
UT11 LSTD-UT11 Datasheet
628Kb / 2P
Reliable solid state operation
ZT7 LSTD-ZT7 Datasheet
540Kb / 2P
Reliable solid state operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com