Electronic Components Datasheet Search
  English  ▼

X  

YA9-13 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # YA9-13
Description  Stainless steel construction, low wind loading
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

YA9-13 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  YA9-13 Datasheet HTML 1Page - Laird Tech Smart Technology YA9-13 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
860 TO 960 MHz NLOS YAGI ANTENNA
The NLOS series antenna system offered by Laird Technologies is constructed of stainless
steel for outstanding service life. Individual elements are welded to the main beam for
permanent attachment. Welded elements give more consistent signal performance because
they ensure high conductivity across the antenna surface. These antennas have high gain and
good front to back performance to minimize external interference. They can be mounted in
vertical or horizontal polarization. They come standard with an 18 inch pigtail cable
terminated with an N female connector. Other connector types are available upon request.
FEATURES
• High-gain directional antenna
• Available in 9, 11, and 13 dBi gain models
• Stainless steel construction, low wind loading
• Simple installation - vertical or horizontal
polarization
• 18 in pigtail with type N female connector standard
• DC ground for lightning protection
MARKETS
• 900 MHz ISM band applications
• Non line-of-sight applications
• WISP CPE equipment
• Cellular applications
• WiMAX
Yagi NLOS Antennas
YA9-9/ YA9-11/ YA9-13
YA9-9
YA9-11
YA9-13
Frequency range
860 - 960 MHz
860 - 960 MHz
860 - 960 MHz
VSWR
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
Input power
100 watts
100 watts
100 watts
Pole size
1 to 2 in (25 to 51 mm)
1 to 2 in (25 to 51 mm)
1 to 2 in (25 to 51 mm)
Operating temperature
-45° to +70°C
-45° to +70°C
-45° to +70°C
Rated wind velocity
125 mph (56 m/sec)
125 mph (56 m/sec)
125 mph (56 m/sec)
Gain
9 dB
11 dB
13 dB
Number of elements
5
8
15
Beamwidth
53°
50°
30°
Front to back
> 14 dB
> 15 dB
> 18 dB
Weight
1.9 lbs (0.7 kg)
2.4 lbs (0.9 kg)
3.3 lbs (1.25 kg)
Length dimension element
width ~ 6”(152 mm)
19.7 in (0.5 m)
35.4 in (0.9 m)
57 in (1.45 m)
SPECIFICATIONS
PARAMETER
MODEL
SQ. IN
100 MPH
125 MPH
100 MPH WITH ½ INCH RADIAL ICE
YA9-9
19
4.75 lbs
7.42 lbs
8 lbs
YA9-11
29
7.25 lbs
11.3 lbs
12 lbs
YA9-13
45
11.3 lbs
17.6 lbs
21 lbs
WIND LOADING (LBS.)
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe:+44.1628.858941
IAS-EUSales@lairdtech.com
Asia: ++86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - YA9-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YA9-9 ETC2-YA9-9 Datasheet
1Mb / 12P
Client Side Antennas
More results

Similar Description - YA9-13

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
GD24 LSTD-GD24 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
GD35 LSTD-GD35 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
Low wind loading patented wire grid design
logo
PowerDynamics, Inc
SW2388 POWERDYNAMICS-SW2388 Datasheet
586Kb / 1P
T304 16GA Stainless Steel Construction
SW2389 POWERDYNAMICS-SW2389 Datasheet
609Kb / 1P
T304 16GA Stainless Steel Construction
SW2390 POWERDYNAMICS-SW2390 Datasheet
573Kb / 1P
T304 16GA Stainless Steel Construction
SW2391 POWERDYNAMICS-SW2391 Datasheet
628Kb / 1P
T304 16GA Stainless Steel Construction
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
logo
Linx Technologies
ANT-2.4-YG12-N LINX-ANT-2.4-YG12-N Datasheet
182Kb / 1P
Stainless steel construction
12-21-09
ANT-2.4-YG6-N LINX-ANT-2.4-YG6-N Datasheet
165Kb / 1P
Stainless steel construction
12-21-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com