Electronic Components Datasheet Search
  English  ▼

X  

LMC835 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMC835 Datasheet HTML 10Page - National Semiconductor (TI) LMC835 Datasheet HTML 11Page - National Semiconductor (TI) LMC835 Datasheet HTML 12Page - National Semiconductor (TI) LMC835 Datasheet HTML 13Page - National Semiconductor (TI) LMC835 Datasheet HTML 14Page - National Semiconductor (TI) LMC835 Datasheet HTML 15Page - National Semiconductor (TI) LMC835 Datasheet HTML 16Page - National Semiconductor (TI) LMC835 Datasheet HTML 17Page - National Semiconductor (TI) LMC835 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Hints (Continued)
MODEL
TLH6753 – 21
RESULT
TLH6753 – 22
FIGURE 15 Effect of RLEAK
REDUCING EXTERNAL COMPONENTS
The typical application shown in
Figure 7 is switching noise
free The DC-coupled circuit in
Figure 16 is also switching
noise free except at 12 dB6 dB switch turn ONOFF This
switching noise is caused by the Ibias and Voffset of the op
amps Selecting a low Ibias and Voffset op amp can minimize
the switching noise due to the 12 dB6 dB switch The DC-
coupled application can also eliminate the RFe 100k resis-
tors with only a 05 dB gain error at 12 dB boost or cut
AC COUPLING
TLH6753 – 23
DC COUPLING
TLH6753 – 24
FIGURE 16 Reducing External Components
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com