Electronic Components Datasheet Search
  English  ▼

X  

DAC-08 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # DAC-08
Description  8-bit high-speed multiplying D/A converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button DAC-08 Datasheet HTML 8Page - NXP Semiconductors DAC-08 Datasheet HTML 9Page - NXP Semiconductors DAC-08 Datasheet HTML 10Page - NXP Semiconductors DAC-08 Datasheet HTML 11Page - NXP Semiconductors DAC-08 Datasheet HTML 12Page - NXP Semiconductors DAC-08 Datasheet HTML 13Page - NXP Semiconductors DAC-08 Datasheet HTML 14Page - NXP Semiconductors DAC-08 Datasheet HTML 15Page - NXP Semiconductors DAC-08 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
12
RECOMMENDED FULL-SCALE AND ZERO-SCALE ADJUST
NOTES:
R1 = low T.C.
R3 = R1 + R2
R2 ≈ 0.1 R1 to minimize pot. contribution to full-scale drift
14
15
2
4
DAC-08
VREF
V+
V–
R4 = 1MΩ
RS = 20kΩ
R3
R2
R1
SL00012
Figure 12. Recommended Full-Scale and Zero-Scale Adjust
UNIPOLAR VOLTAGE OUTPUT FOR LOW IMPEDANCE OUTPUT
VOUT =
14
15
DAC-08
–
+
NE531
OR
EQUIV
0 TO +10V
IR = 2mA
4
2
5k
Ω
5k
Ω (LOW T.C.)
SL00013
Figure 13. Unipolar Voltage Output for Low Impedance Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com