Electronic Components Datasheet Search
  English  ▼

X  

BA17810T/FP Datasheet(PDF) 6 Page - Rohm

Part # BA17810T/FP
Description  Standard 78 series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17810T/FP Datasheet(HTML) 6 Page - Rohm

Back Button BA17810T/FP Datasheet HTML 2Page - Rohm BA17810T/FP Datasheet HTML 3Page - Rohm BA17810T/FP Datasheet HTML 4Page - Rohm BA17810T/FP Datasheet HTML 5Page - Rohm BA17810T/FP Datasheet HTML 6Page - Rohm BA17810T/FP Datasheet HTML 7Page - Rohm BA17810T/FP Datasheet HTML 8Page - Rohm BA17810T/FP Datasheet HTML 9Page - Rohm BA17810T/FP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BA178!!T / FP series
Regulator ICs
<BA17810T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=16V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
9.6
10.0
10.4
V
IO=500mA
VO2
9.5
−
10.5
V
Reg.I1
−
7
200
mV
Reg.I2
−
4
100
mV
R.R.
55
64
−
dB
Reg.L1
−
21
200
mV
IO=5mA
∼1A
Reg.L2
−
890
mV
IO=250
∼750mA
TCVO
−−0.5
−
mV/˚C
Vn
−
100
−µV
f=10Hz
∼100kHz
Vd
−
2.0
−
VIO=1A
Ib
−
4.5
8.0
mA
IO=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
−
1.7
−
ATj=25˚C
IOS
−
0.3
−
AVIN=30V
VIN=12.5
∼25V, IO=5mA∼1A
VIN=12.5
∼27V, IO=500mA
VIN=14
∼20V, IO=500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, Tj =0
∼125˚C
VIN=12.5
∼27V
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
<BA17812T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=19V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
11.5
12.0
12.5
V
IO=500mA
VO2
11.4
−
12.6
V
Reg.I1
−
8
240
mV
Reg.I2
−
5
120
mV
R.R.
55
63
−
dB
Reg.L1
−
23
240
mV
IO=5mA
∼1A
Reg.L2
−
10
120
mV
IO=250
∼750mA
TCVO
−−0.5
−
mV/˚C
Vn
−
110
−µV
f=10Hz
∼100kHz
Vd
−
2.0
−
VIO=1A
Ib
−
4.5
8.0
mA
IO=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
−
1.7
−
ATj=25˚C
IOS
−
0.3
−
AVIN=30V
VIN=15
∼27V, IO=5mA∼1A
VIN=14.5
∼30V, IO=500mA
VIN=16
∼22V, IO=500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, Tj =0
∼125˚C
VIN=14.5
∼30V
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com