Electronic Components Datasheet Search
  English  ▼

X  

EP05DA40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EP05DA40
Description  ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EP05DA40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EP05DA40 Datasheet HTML 1Page - List of Unclassifed Manufacturers EP05DA40 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.011g
Rating
Symbol
EC10DA40
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
450
V
0.38 Ta=25
°C *1
Average Rectified Output Current
IO
0.5 Tl=107°C
Tl: Lead Temperature
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
25
50Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 0.5A
-
-
1.05
V
Electrostatic Discharge
-
Tj= 25
°C, C = 150 pF, R = 150 ohm *2
-
25
-
kV
Rth(j-a) Junction to Ambient *1
-
-
300
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
70
°C /W
*1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
*2 Mesured by ESS-630S of NOISE LABORATORY
DIODE Type :
EP05DA40
EP05DA40
EP05DA40
EP05DA40
Electrostatic Discharge Reinforcement Type
Electrostatic Discharge Reinforcement Type
Electrostatic Discharge Reinforcement Type
Electrostatic Discharge Reinforcement Type
FEATURES
FEATURES
FEATURES
FEATURES
* JEDEC SOD-123 Package
* Very Low profile 1.1mm Max
* High Surge Capability
* Low Forward Voltage Drop
* Low Reverse Leakage Current
* Packaged in 8mm Tape and Reel


Similar Part No. - EP05DA40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
Standard Recovery Diode
logo
SUNMATE electronic Co.,...
EP05DA40 SUNMATE-EP05DA40 Datasheet
476Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Kyocera Kinseki Corpota...
EP05DA40 KSS-EP05DA40 Datasheet
734Kb / 6P
Rectifier Diode
logo
National Instruments Co...
EP05DA40_2015 NI-EP05DA40_2015 Datasheet
138Kb / 1P
Standard Recovery Diode
More results

Similar Description - EP05DA40

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Nihon Inter Electronics...
EC10DA40 NIEC-EC10DA40 Datasheet
30Kb / 2P
ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
NEC
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
logo
Fairchild Semiconductor
AN-248 FAIRCHILD-AN-248 Datasheet
56Kb / 3P
Electrostatic Discharge Prevention-Input Protection
logo
STMicroelectronics
AN1181 STMICROELECTRONICS-AN1181 Datasheet
64Kb / 7P
ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
Feb-1998
logo
Guangdong Youtai Semico...
PESD5V0S1BA UMW-PESD5V0S1BA Datasheet
242Kb / 5P
Low capacitance ElectroStatic Discharge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com