Electronic Components Datasheet Search
  English  ▼

X  

BLVR-L10D Datasheet(PDF) 2 Page - All Sensors Corporation

Part # BLVR-L10D
Description  BLVR Series Low Voltage Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

BLVR-L10D Datasheet(HTML) 2 Page - All Sensors Corporation

  BLVR-L10D Datasheet HTML 1Page - All Sensors Corporation BLVR-L10D Datasheet HTML 2Page - All Sensors Corporation BLVR-L10D Datasheet HTML 3Page - All Sensors Corporation BLVR-L10D Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLVR Series Low Voltage Pressure Sensors
Specification Notes
NOTE
1: SHIFT IS RELATIVE TO 25°C.
NOTE
2: SHIFT IS WITHIN THE FIRST HOUR OF EXCITATION APPLIED TO THE DEVICE.
NOTE
3: MEASURED AT ONE-HALF FULL SCALE RATED PRESSURE USING BEST STRAIGHT LINE CURVE FIT.
NOTE
4: THE SPAN IS THE ALGEBRAIC DIFFERENCE BETWEEN FULL SCALE OUTPUT VOLTAGE AND THE OFFSET VOLTAGE.
NOTE
5: FRONT-BACK LINERITY COMPUTED AS: Lin FB
Span Front
Span Back
1
−
⎛
⎜
⎝
⎞
⎟
⎠
100
⋅ %
Parameter
Min
Typ
Max
Units
Notes
Output Span
L01D @ 1 inH2O
4.5
8.0
11.5
mV
4
L05D @ 5 inH2O
13.5
24.0
34.5
mV
4
L10D @ 10 inH2O
18.0
32.0
46.0
mV
4
L20D @ 20 inH2O
22.0
38.0
55.0
mV
4
L30D @ 30 inH2O
25.0
42.0
60.0
mV
4
Offset Voltage @ Zero Diff. Pressure
-
-
±8.0
mV
-
Offset Temperature Shift (0°C-70°C)
-
±0.1
-
mV
1
Offset Warm-up Shift
-
±10
±80
uV
2
Offset Position Sensitivity (1g)
-
±0.2
-
uV
-
Offset Long Term Drift (One Year)
-
±80
-
uV
-
Linearity, Hysteresis Error
-
0.1
±0.3
%FSS
3
Response Time (10% to 90% Pressure Response)
-
100
-
uS
-
Front to Back Linearity
-
0.25
-
%FSS
5
Temperature Effect on Resistance (0°C-70°C)
-
2800
-
ppm/°C
-
Temperature Effect on Span (0°C-70°C)
-
-1900
-
ppm/°C
-
Input Resistance
-
1.5
-
k ohm
-
Output Resistance
-
1.5
-
k ohm
-
Performance Characteristics for BLVR Series
ALL PARAMETERS ARE MEASURED AT 3.3 VOLT EXCITATION AND ROOM TEMPERATURE UNLESS OTHERWISE SPECIFIED. PRESSURE MEASUREMENTS ARE WITH POSITIVE
PRESSURE APPLIED TO
PORT B (THE ONLY PORT FOR THE SINGLE PORT CONFIGURATION).
How To Order
BLVR-
-
-
Example: BLVR-L10D-B1NS-N
Pressure Range
Series
Coating
Package
Option
Description
L01D
1 inH2O
L05D
5 inH2O
L10D
10 inH2O
L20D
20 inH2O
L30D
30 inH2O
Option
Description
B1NS
Two Ports Same Direction
B2NS
Two Ports Opposite Direction
BGNS
One Port
Option
Description
N
No Coating
P
Parylene Coating
(Consult with factory for parylene coating)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com