Electronic Components Datasheet Search
  English  ▼

X  

BLVR-L01D Datasheet(PDF) 1 Page - All Sensors Corporation

Part # BLVR-L01D
Description  BLVR Series Low Voltage Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

BLVR-L01D Datasheet(HTML) 1 Page - All Sensors Corporation

  BLVR-L01D Datasheet HTML 1Page - All Sensors Corporation BLVR-L01D Datasheet HTML 2Page - All Sensors Corporation BLVR-L01D Datasheet HTML 3Page - All Sensors Corporation BLVR-L01D Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Sensors
DS-0280 Rev A
The BLVR Series Basic Sensor is based on a Dual Die Reference technology to reduce all output offset or common mode errors. It
also incorporates All Sensors CoBeam2 TM Technology to reduce the overall supply voltage while maintaining comparable output
levels to traditional equivalent basic sensing elements. This lower supply voltage gives rise to improved warm-up shift while the
CoBeam2 Technology itself reduces package stress susceptibility resulting in improved overall long term stability. The technology
also vastly improves position sensitivity to nearly unmeasurable levels.
This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. The output is also
ratiometric to the suply voltage and is operable from 1.8 to 3.3 volts DC.
• 0 to 1 “H2O to 0 to 30 “H2O Pressure Ranges
• Low Supply Voltage (1.8V to 3.3V)
• 40% Less Power Than Mini-Basic Series
• 0.3% Linearity
• Improved Front to Back Linearity
• Offset Compensated
• Superior Position Sensitivity
• Improved Warm-Up Shift Distribution
• Parylene Coating Available Upon Request
• Medical Instrumentation
• Environmental Controls
• HVAC
• Portable / Hand Held Devices
General Description
Applications
Features
BLVR Series Low Voltage Pressure Sensors
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change
Pressure Sensor Maximum Ratings
Environmental Specifications
Device
Operating Range
Proof Pressure
Burst Pressure
BLVR-L01D
±1 inH2O
100 inH2O
300 inH2O
BLVR-L05D
±5 inH2O
200 inH2O
300 inH2O
BLVR-L10D
±10 inH2O
200 inH2O
300 inH2O
BLVR-L20D
±20 inH2O
200 inH2O
500 inH2O
BLVR-L30D
±30 inH2O
200 inH2O
800 inH2O
Supply Voltage (Vs)
6 Vdc
Common Mode Pressure
5 psig
Lead Temperature (soldering 2-4 sec.)
270 °C
Temperature Ranges
Operating
-25 to 85 °C
Storage
-40 to 125 °C
Humidity Limits
0 to 95% RH
(non condensing)
Standard Pressure Ranges
Equivalent Circuit
Vs
+Out
-Out
Gnd


Similar Part No. - BLVR-L01D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
BLVR-L01D-B1NS-N ASC-BLVR-L01D-B1NS-N Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
More results

Similar Description - BLVR-L01D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0280 ASC-DS-0280 Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
DS-0354 ASC-DS-0354 Datasheet
1Mb / 7P
BLCR Series Low Voltage Pressure Sensors
DS-02743 ASC-DS-02743 Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
BLVR-L01D-B1NS-N ASC-BLVR-L01D-B1NS-N Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
BLVR-L05D-B1NS-N ASC-BLVR-L05D-B1NS-N Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
MLV-L05D-E1NS-N ASC-MLV-L05D-E1NS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-L10D-E1NS-N ASC-MLV-L10D-E1NS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-L30D-E1NS-N ASC-MLV-L30D-E1NS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com