Electronic Components Datasheet Search
  English  ▼

X  

GS7005 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS7005
Description  Complete Serial Digital Video Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7005 Datasheet(HTML) 2 Page - Gennum Corporation

  GS7005 Datasheet HTML 1Page - Gennum Corporation GS7005 Datasheet HTML 2Page - Gennum Corporation GS7005 Datasheet HTML 3Page - Gennum Corporation GS7005 Datasheet HTML 4Page - Gennum Corporation GS7005 Datasheet HTML 5Page - Gennum Corporation GS7005 Datasheet HTML 6Page - Gennum Corporation GS7005 Datasheet HTML 7Page - Gennum Corporation GS7005 Datasheet HTML 8Page - Gennum Corporation GS7005 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
GENNUM CORPORATION
522 - 14 - 06
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
GND < VIN < VCC
DC Input Current (any one input)
10mA
Power Dissipation (VCC = 5.25V)
1W
Maximum Die Temperature
125°C
Operating Temperature Range
0°C <= TA <= 85°C
Storage Temperature Range
-65°C <= TS <= 150°C
Lead Temperature (soldering 10s)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 25°C, unless otherwise specified.
Serial data rate = 270Mb/s, Parallel Data Rate = 27Mb/s, ƒPCLK = 27MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST LEVEL
Positive Supply Voltage
VCC
Operating
range
4.75
5.00
5.25
V
6
Power Consumption
P
VCC = 5.25V
-
750
-
mW
5
Supply Current
ICC
VCC = 5.25V
-
140
-
mA
1
Logic Inputs - Low
VIL
VCC = 5.25V
-
-
0.8
V
6
Logic Inputs - High
VIH
VCC = 4.75V
2
-
-
V
6
Logic Outputs - Low
VOL
VCC = 5.25V
-
-
0.5
V
1
Logic Outputs - High
VOH
VCC = 4.75V
2.4
-
-
V
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com