Electronic Components Datasheet Search
  English  ▼

X  

LT216 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LT216
Description  miniature 1-Form A solid state relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT216 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LT216 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT216 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT216 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT216 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT216 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Letex Technology Corp.
2
Photo DMOS-FET Relay Specifications
Part Name: LT216
(Load voltage:20V / Load current: AC:1.7A)
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Value
Units
Note
Continuous LED Current
IF
50
mA
Peak LED Current
IFP
1000
mA
f=100Hz,
duty=1%
LED Reverse Voltage
VR
5
V
Input
Input Power Dissipation
PIn
75
mW
Load Voltage
VL
20
V(AC peak or DC)
Load Current
IL
1.7
A
Peak Load Current
IPeak
35
A
300μs(1 pulse)
Output
Output Power Dissipation
Pout
1.8
W
Total Power Dissipation
PT
2
W
I/O Breakdown Voltage
VI/O
1500
Vrm
RH=60%, 1min
Operating Temperature
TOpr
-40 to +85
℃
Storage Temperature
TStg
-40 to +100
℃
Pin Soldering Temperature
TSol
260
℃
10 sec max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
LED Forward Voltage
VF
1.2
1.4
V
IF=10mA
Operation LED Current
IF On
0.5
3
mA
Recovery LED Current
IF Off
0.35
0.5
mA
Input
Recovery LED Voltage
VF Off
0.5
V
On-Resistance
Ron
1.2
Ω
IF=5mA,IL=100mA,
Time to flow is within
1 sec.
Off-State Leakage
Current
ILeak
1
µA
VL=Rating
Output
Output Capacitance
Cout
500
pF
VL=0, f=1MHz
Turn-On Time
Ton
1.5
ms
Transmis
sion
Turn-Off Time
Toff
0.1
ms
IF=5mA, IL=100mA
I/O Isolation Resistance
RI/O
10
9
Ω
DC500V
Coupled
I/O Capacitance
CI/O
0.8
1.5
pF
f=1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com