Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 7 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT3469
7
3469f
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signal of the SW
pin has sharp rise and fall edges. The SW pin should be
surrounded on three sides by metal connected to VCC to
shield +IN and –IN. Minimize the area of all traces con-
nected to the SW pin and always use a ground plane under
the switching regulator to minimize interplane coupling. In
addition, the ground connection for the feedback resistor
R1 should be tied directly to the GND pin and not shared
with any other component, ensuring a clean, noise-free
connection. The ground return of the piezoceramic
microactuator should also have a direct and unshared
connection to the GND pin. The GND connection to R5
should be tied directly to the ground of the source gener-
ating the INPUT signal to avoid error induced by voltage
drops along the GND line. Recommended component
placement is shown in Figure 6.
Thermal Considerations and Power Dissipation
The LT3469 combines large output drive with a small
package. Because of the high supply voltage capability, it
is possible to operate the part under conditions that
exceed the maximum junction temperature. Maximum
junction temperature (TJ) is calculated from the ambient
temperature (TA) and power dissipation (PD) as follows:
TJ = TA + (PD • 250°C/W)
Worst-case power dissipation occurs at maximum output
swing, frequency, capacitance and VCC. For a square wave
input, power dissipation is calculated from the amplifier
quiescent current (IQ), input frequency (f), output swing
(VOUT(P-P)), capacitive load (CL), amplifier supply voltage
(VCC) and switching regulator efficiency (η) as follows:
P
IfV
C
V
D
QL
CC
=
+
()()
OUT(P-P)
η
Example: LT3469 at TA = 70°C, VCC = 35V, CL = 200nF,
f = 3kHz, VOUT(P-P) = 4V, η = 80%:
P
mA
kHz
V
nF
V
mW
T
C
mW
C W
C
D
J
=
+
()( )
=
=° +
°
() =°
2 5
3
4
200
35
080
214
70
214
250
124
.•
•
.
•/
Do not exceed the maximum junction temperature of
125
°C.
Figure 6. Recommended Component Placement
R4
INPUT
R5
R1
R3
R2
C1
C2
VIN
VIAS TO GROUND PLANE
PIEZ0
ACTUATOR
GND
L
3469 F06
OPERATIO
Piezo Speaker Driver
+
–
+IN
35
6
2
4
1
8
7
GND
FB
VCC
SW
LT3469
VIN
294k
17.4k
C2
0.47
µF
35V
VOUT
1V TO 20V
C1, C2: X5R OR X7R DIELECTRIC
L1: MURATA LQH32CN470
SOUND PRESSURE LEVEL: 87dB AT 750Hz/10VP-P/10cm
WITH A 55nF PIEZO SPEAKER. IVIN WITH VIN = 3.3V:
24mA AT 750Hz/10VP-P WITH A 55nF PIEZO SPEAKER
PIEZO
SPEAKER
8nF < C < 300nF
20k
+
–
16.9k
113k
L1
47
µH
–IN
OUT
3469 TA01
VIN
3V TO 6V
INPUT
0V TO 3V
C1
1
µF
TYPICAL APPLICATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com