Electronic Components Datasheet Search
  English  ▼

X  

LT3469ETS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3469ETS8
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469ETS8 Datasheet(HTML) 2 Page - Linear Technology

  LT3469ETS8 Datasheet HTML 1Page - Linear Technology LT3469ETS8 Datasheet HTML 2Page - Linear Technology LT3469ETS8 Datasheet HTML 3Page - Linear Technology LT3469ETS8 Datasheet HTML 4Page - Linear Technology LT3469ETS8 Datasheet HTML 5Page - Linear Technology LT3469ETS8 Datasheet HTML 6Page - Linear Technology LT3469ETS8 Datasheet HTML 7Page - Linear Technology LT3469ETS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT3469
2
3469f
VIN Voltage ............................................................. 16V
SW Voltage ............................................................. 40V
VCC Voltage............................................................. 38V
+IN, –IN Voltage ..................................................... 10V
FB Voltage ................................................................ 3V
Current Into SW Pin ................................................. 1A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT3469ETS8
TJMAX = 125°C, θJA = 250°C/W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 5V, VCC = 35V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TS8 PART MARKING
LTACA
OUT 1
FB 2
VIN 3
GND 4
8 –IN
7 +IN
6 VCC
5 SW
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
gm Amplifier
Input Offset Voltage
VOUT = VCC/2
q
310
mV
Input Offset Current
q
10
100
nA
Input Bias Current
q
150
500
nA
Input Resistance—Differential Mode
1M
Ω
Input Resistance—Common Mode
200
M
Ω
Common Mode Rejection Ratio
VCM = 0V to 10V
70
100
dB
Power Supply Rejection Ratio—VIN
VIN = 2.5V to 16V
80
120
dB
Power Supply Rejection Ratio—VCC
VCC = 15V to 35V
65
85
dB
Gain
No Load, VOUT = 2V to 33V
15
30
V/mV
RL = 200k, VOUT = 2V to 33V
10
20
V/mV
Transconductance
IOUT = ±100µA
160
220
260
µA/mV
q
140
300
µA/mV
Maximum Output Current
VOUT = VCC/2
±30
±40
±55
mA
q
±23
±58
mA
Maximum Output Voltage, Sourcing
VCC = 35V, IOUT = 10mA
34.0
34.5
V
VCC = 35V, IOUT = 0mA
34.5
34.9
V
Minimum Output Voltage, Sinking
IOUT = –10mA
200
1000
mV
IOUT = 0mA
10
500
mV
Output Resistance
VCC = 35V, VOUT = 2V to 33V
100
k
Ω
Supply Current—VCC
VCC = 35V
1.5
2
2.5
mA
Switching Regulator
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
16
V
Feedback Voltage
q
1.19
1.23
1.265
V
FB Pin Bias Current
q
45
200
nA
FB Line Regulation
2.5V < VIN < 16V
0.03
%/V
Supply Current—VIN
1.9
2.6
mA
Switching Frequency
q
0.8
1.3
1.7
MHz
Maximum Duty Cycle
q
88
91
%
Switch Current Limit (Note 3)
q
165
220
mA
Switch VCESAT
ISW = 100mA
350
500
mV
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com