Electronic Components Datasheet Search
  English  ▼

X  

LTC1733 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 1 Page - Linear Technology

  LTC1733 Datasheet HTML 1Page - Linear Technology LTC1733 Datasheet HTML 2Page - Linear Technology LTC1733 Datasheet HTML 3Page - Linear Technology LTC1733 Datasheet HTML 4Page - Linear Technology LTC1733 Datasheet HTML 5Page - Linear Technology LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1733
1
sn1733 1733fs
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
s
Cellular Telephones
s
Handheld Computers
s
Digital Still Cameras
s
Charging Docks and Cradles
s
Complete Linear Charger for 1-Cell Lithium-Ion
Batteries
s
Thermal Regulation Maximizes Charging Rate
without Risk of Overheating*
s
No External MOSFET, Sense Resistor or Blocking
Diode Required
s
Up to 1.5A Charge Current
s
Preset Charge Voltage with 1% Accuracy
s
Programmable Charge Current with 7% Accuracy
s
Programmable Charge Termination Timer
s
Tiny Thermally Enhanced 10-Pin MSOP Package
s
Charge Current Monitor Useful for Gas Gauging*
s
C/10 Charge Current Detection Output
s
Automatic Recharge
s
Thermistor Input for Temperature Qualified Charging
s
AC Present Logic Output
s
4.1V/4.2V Pin Selectable Output Voltage
Monolithic Linear
Lithium-Ion Battery Charger with
Thermal Regulation
The LTC
®1733 is a standalone constant-current/
constant-voltage linear charger for lithium-ion batteries
with an on-chip power MOSFET. Internal thermal feedback
regulates the charge current to limit die temperature
during high power operation or high ambient temperature
conditions. This feature allows the user to program a high
charge current without risk of damaging the LTC1733 or
the handheld product.
No external current sense resistor is needed and no
blocking diode is required due to the internal MOSFET
architecture. The charge current and charge time can be
set externally with a single resistor and capacitor, respec-
tively. When the input supply (wall adapter) is removed,
the LTC1733 automatically enters a low current sleep
mode, dropping the battery drain current to less than 5
µA.
The LTC1733 also includes NTC temperature sensing,
C/10 detection circuitry, AC present logic, 4.1V/4.2V pin
selectability and low battery charge conditioning (trickle
charging).
The LTC1733 is available in a 10-pin thermally enhanced
MSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Charge Current vs Battery Voltage
Standalone Li-Ion Battery Charger
BATTERY VOLTAGE (V)
2
3.5
1733 TA01b
2.5
3
4
4.5
1200
1000
800
600
400
200
0
TRICKLE
CHARGE
CONSTANT
CURRENT
CONSTANT
VOLTAGE
CONSTANT
POWER
TA = 40°C
TA = 0°C
VIN = 5V
θJA = 40°C/W
TA = 25°C
*Patent Pending
BAT
PROG
TIMER
GND
VCC
VIN = 5V
1.5k
1%
4.7
µF
0.1
µF
IBAT = 1A
1733TA01
LTC1733
4.2V
1-CELL
Li-Ion
BATTERY*
*AN OUTPUT CAPACITOR MAY BE REQUIRED
DEPENDING ON BATTERY LEAD LENGTH
2
8
9
7
5
NTC
6
4
SEL


Similar Part No. - LTC1733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1733 LINER-LTC1733 Datasheet
371Kb / 48P
Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1733 LINER-LTC1733 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC1733 LINER-LTC1733 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1733 LINER-LTC1733 Datasheet
180Kb / 16P
Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
More results

Similar Description - LTC1733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4053-4.2 LINER-LTC4053-4.2 Datasheet
195Kb / 16P
USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Linear Technology
LTC1733 LINER-LTC1733_15 Datasheet
180Kb / 16P
Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
LTC4053-4.2 LINER-LTC4053-4.2_15 Datasheet
210Kb / 16P
USB Compatible Lithium-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
Independent linear lithium battery charger with thermal regulation function
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com