Electronic Components Datasheet Search
  English  ▼

X  

US3MB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # US3MB
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

US3MB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  US3MB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited US3MB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited US3MB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
US3AB--US3MB
Document Number : SMB307AA
www.gmicroelec.com
1
FEATURES
For surface mount applications
Low profile package
Easy pick and place
Ultrafast recovery times for high efficiency
Low forward voltage,low power loss
Built-in strain relief,ideal for automated placement
High temperature soldering:250℃/10 seconds on terminals
Plastic package has underwriters laboratories flammability classification 94V-0
MECHANICAL DATA
Case: JEDEC DO-214AA,molded plastic body over passivated chip
Terminals: Solder Plated, solderable per MIL-STD-750,Method 2026
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
US3AB
US3BB
US3DB
US3GB
US3JB
US3KB
US3MB
UNITS
Marking code
US3AB
US3BB
US3DB
US3GB
US3JB
US3KB
US3MB
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL=110℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
US3AB
US3BB
US3DB
US3GB
US3JB
US3KB
US3MB
UNITS
Typical junction capacitance at 4.0V,1MHZ
CJ
70
50
p F
Maximum thermal resistance (NOTE1)
RθJA
25
℃
/W
Operating temperature range
TJ
-55----+150
℃
Storage temperature range
TSTG
-55----+150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbo
l
US3AB
US3BB
US3DB
US3GB
US3JB
US3KB
US3MB
UNITS
Maximum instantaneous forward voltage at 3.0A
VF
1.0
1.25
1.7
V
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage
@TA=125℃
IR
10.0
500
μ A
Maximum reverse recovery time
at IF=0.5A IR=1.0A Irr=0.25A
trr
50
75
ns
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm) copper pad area
Pb
Lead-free


Similar Part No. - US3MB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US3MB PACELEADER-US3MB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US3MB LUGUANG-US3MB Datasheet
173Kb / 2P
Surface Mount Rectifiers
logo
Diode Semiconductor Kor...
US3MB DSK-US3MB Datasheet
108Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
US3MB SUNMATE-US3MB Datasheet
397Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
US3MB YIXIN-US3MB Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - US3MB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com