Electronic Components Datasheet Search
  English  ▼

X  

TLHO420 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHO420
Description  Choice of five bright colors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO420 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHO420 Datasheet HTML 1Page - Vishay Siliconix TLHO420 Datasheet HTML 2Page - Vishay Siliconix TLHO420 Datasheet HTML 3Page - Vishay Siliconix TLHO420 Datasheet HTML 4Page - Vishay Siliconix TLHO420 Datasheet HTML 5Page - Vishay Siliconix TLHO420 Datasheet HTML 6Page - Vishay Siliconix TLHO420 Datasheet HTML 7Page - Vishay Siliconix TLHO420 Datasheet HTML 8Page - Vishay Siliconix TLHO420 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLHG420., TLHO420., TLHR420., TLHY420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 09-Jan-17
2
Document Number: 83005
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLHG420., TLHO420., TLHR420., TLHY420.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHR420., RED
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
TLHR4200
IV
48
-
mcd
TLHR4201
IV
6.3
10
-
mcd
TLHR4205
IV
10
15
-
mcd
Dominant wavelength
IF = 10 mA
λd
612
-
625
nm
Peak wavelength
IF = 10 mA
λp
-
635
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 22
-
deg
Forward voltage
IF = 20 mA
VF
-2
3
V
Reverse current
VR = 6 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHO420., SOFT ORANGE
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
TLHO4200
IV
410
-
mcd
TLHO4201
IV
10
18
-
mcd
Dominant wavelength
IF = 10 mA
λd
598
-
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 22
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse current
VR = 6 V
IR
-
-
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com