Electronic Components Datasheet Search
  English  ▼

X  

TLHR440 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHR440
Description  Suitable for DC and high peak current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR440 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHR440 Datasheet HTML 1Page - Vishay Siliconix TLHR440 Datasheet HTML 2Page - Vishay Siliconix TLHR440 Datasheet HTML 3Page - Vishay Siliconix TLHR440 Datasheet HTML 4Page - Vishay Siliconix TLHR440 Datasheet HTML 5Page - Vishay Siliconix TLHR440 Datasheet HTML 6Page - Vishay Siliconix TLHR440 Datasheet HTML 7Page - Vishay Siliconix TLHR440 Datasheet HTML 8Page - Vishay Siliconix TLHR440 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
3
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(2) In one packing unit IVmin./IVmax.
≤ 0.5
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHO440., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHO4400
IV
1.6
13
-
mcd
Dominant wavelength
IF = 10 mA
λd
598
-
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHY440., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHY4400
IV
1.6
10
-
mcd
TLHY4401
IV
2.5
10.5
-
mcd
TLHY4405
IV
6.3
11
-
mcd
TLHY4438
IV
6.3
-
20
mcd
Dominant wavelength
IF = 10 mA
TLHY4400
λd
581
-
594
nm
TLHY4401
λd
581
-
594
nm
TLHY4405
λd
581
-
594
nm
TLHY4438
λd
583
-
590
nm
Peak wavelength
IF = 10 mA
λp
-
585
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHG440., GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHG4400
IV
2.5
13
-
mcd
TLHG4401
IV
414
-
mcd
TLHG4405
IV
6.3
15
-
mcd
Dominant wavelength
IF = 10 mA
λd
562
-
575
nm
Peak wavelength
IF = 10 mA
λp
-
565
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
deg
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com