Electronic Components Datasheet Search
  English  ▼

X  

W3713 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W3713
Description  5GHz WiFi SMT Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3713 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W3713 Datasheet HTML 1Page - Pulse A Technitrol Company W3713 Datasheet HTML 2Page - Pulse A Technitrol Company W3713 Datasheet HTML 3Page - Pulse A Technitrol Company W3713 Datasheet HTML 4Page - Pulse A Technitrol Company W3713 Datasheet HTML 5Page - Pulse A Technitrol Company W3713 Datasheet HTML 6Page - Pulse A Technitrol Company W3713 Datasheet HTML 7Page - Pulse A Technitrol Company W3713 Datasheet HTML 8Page - Pulse A Technitrol Company W3713 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Issue: 1644P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 5GHz WiFi SMT Antenna
PART NUMBER: W3713
Series: Embedded Antenna
ELECTRICAL SPECIFICATIONS
2
Frequency
4.9-6GHz
Nominal Impedance
50
VSWR
2:1
Peak Gain
4.5dBi +/- 1 dB
Radiation Pattern
Omni
Polarization:
Linear
Power withstanding
5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com