Electronic Components Datasheet Search
  English  ▼

X  

MLX90804 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MLX90804
Description  Speed regulator for universal motors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90804 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MLX90804 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90804 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 3
MLX90804
Speed regulator for universal motors
MLX90804 Speed regulator for universal motors
Page 3
Rev 1.0
30/Jun/00
MLX90804 Electrical Specifications
DC Operating Parameters TA = 0oC to 85oC
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Ambient temperature
Tamb
0
85
°C
Maximum chip temperature Tch
150
°C
Thermal resistance
Rth
PDIP8 package
110
°C/W
Maximum allowed source
supply current
IDD4m
Drivers off, all the current flows in the chip
10
mA
Power supply
The 90804 supply pin (VDD1) must be connected by external series resistors and a rectifier diode to the AC
line. An internal zener function limits the voltage at VDD1 to approximately 16V. For proper operation a decou-
pling capacitor must be connected between VDD1 and VSS.
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Voltage applied at the sup-
ply pin
VDD1
IDD1 = 5mA
14
16
18
V
Internal 5V supply
VDD
4.6
5.0
5.4
V
Current consumption
IDD1
VDD1 = 14V
0.7
mA
For external circuitry
VEXT
IEXT = 8mA
4.5
5
V
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Hysteresis
Vdphyst
0.5
V
Analog Power-On Reset
This block tracks the voltage applied at VDD1. The triac firing is permitted if VDD1 > Vaporh and is stopped when
VDD1<Vaporl.
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
High level threshold
Vaporh
13
V
Low level threshold
Vaporl
10
V
Hysteresis
Vaphyst
2
3
4
V
Power on Reset
This block ensures a correct start of the digital part. The reset signal (DPORB) goes up for VDD>Vdporh and
down for VDD<Vdporl.
High level threshold
Vdporh
2.5
V
Low level threshold
Vdporl
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com