Electronic Components Datasheet Search
  English  ▼

X  

LMF100CCN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CCN
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CCN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMF100CCN Datasheet HTML 1Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 2Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 3Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 4Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 5Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 6Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 7Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 8Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Electrical Characteristics (Continued)
The following specifications apply for Mode 1, Q = 10 (R
1 = R3 = 100k, R2 = 10k), V
+ = +5V and V− = −5V unless otherwise
specified. Boldface limits apply for T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
LMF100CCN
LMF100CIWM
Units
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note 10)
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note 10)
IIN
Input Current on Pins: 4, 5,
10
10
µA
6, 9, 10, 11, 12, 16, 17
Electrical Characteristics
The following specifications apply for Mode 1, Q = 10 (R
1 = R3 = 100k, R2 = 10k), V
+ = +2.50V and V− = −2.50V unless oth-
erwise specified. Boldface limits apply for T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
LMF100CCN
LMF100CIWM
Units
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note
10)
Typical
(Note 8)
Tested
Limit
(Note 9)
Design
Limit
(Note
10)
Is
Maximum Supply
Current
fCLK = 250 kHz
No Input Signal
812
12
8
12
mA
f0
Center Frequency
MIN
0.1
0.1
Hz
Range
MAX
50
50
kHz
fCLK
Clock Frequency
MIN
5.0
5.0
Hz
Range
MAX
1.5
1.5
MHz
fCLK/f0
Clock to Center
VPin12 = 2.5V or 0V
±0.2
±1
±1
±0.2
±1
%
Frequency Ratio Deviation
fCLK = 1 MHz
Q Error (MAX)
Q = 10, Mode 1
(Note 4)
VPin12 = 5V or 0V
±0.5
±5
±8
±0.5
±8
%
fCLK = 1 MHz
HOBP
Bandpass Gain at f0
fCLK = 1 MHz
0
±0.4
±0.5
0
±0.5
dB
HOLP
DC Lowpass Gain
R1 = R2 = 10k
0
±0.2
±0.2
0
±0.2
dB
fCLK = 250 kHz
VOS1
DC Offset Voltage (Note 5)
fCLK = 250 kHz
±5.0
±15
±15
±5.0
±15
mV
VOS2
DC Offset Voltage (Note 5)
fCLK = 250 kHz
SA/B = V
+
±20
±60
±60
±20
±60
mV
SA/B = V
−
±10
±50
±60
±10
±60
mV
VOS3
DC Offset Voltage (Note 5)
fCLK = 250 kHz
±10
±25
±30
±10
±30
mV
Crosstalk (Note 6)
A Side to B Side or
−65
−65
dB
B Side to A Side
Output Noise (Note 12)
fCLK = 250 kHz
N
25
25
20 kHz Bandwidth
BP
250
250
µV
100:1 Mode
LP
220
220
Clock Feedthrough (Note 13)
fCLK = 250 kHz 100:1 Mode
2
2
mV
VOUT
Minimum Output
RL = 5k
+1.6
±1.5
±1.4
+1.6
±1.4
V
Voltage Swing
(All Outputs)
−2.2
−2.2
RL = 3.5k
+1.5
+1.5
V
(All outputs)
−2.1
−2.1
GBW
Op Amp Gain BW Product
5
5
MHz
SR
Op Amp Slew Rate
18
18
V/µs
Isc
Maximum Output
Short Circuit
Source
(All Outputs)
10
10
mA
Current (Note 7)
Sink
20
20
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com