Electronic Components Datasheet Search
  English  ▼

X  

TESD12EU Datasheet(PDF) 1 Page - StarHope

Part # TESD12EU
Description  Electro-Static Discharge TESD12EU Unidirectional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TESD12EU Datasheet(HTML) 1 Page - StarHope

  TESD12EU Datasheet HTML 1Page - StarHope TESD12EU Datasheet HTML 2Page - StarHope TESD12EU Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
REV 2016 08 16
..
.
www.spsemi.cn
Page 1 of 3
Electro-Static Discharge
TESD12EU
Unidirectional TVS Diode
Features
150 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects one I/O line
Low clamping voltage
Working voltages :12V
Low leakage current
ESD/TESD12EU
IEC Compatibility
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
Mechanical Characteristics
SOD-523 Package
Molding Compound Flammability Rating:L 94V-O
Quantity Per Reel:5000pcs
Reel Size:7 inch
Lead Finish:Lead Free
Applications
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Instrumentation
Servers, Notebook, and Desktop PC
Display Ports
SOD-523
Pin Configuration


Similar Part No. - TESD12EU

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD12CU SPSEMI-TESD12CU Datasheet
45Kb / 3P
Electro-Static Discharge TESD12CU Uni-direction ESD Protection Diode
TESD12FB SPSEMI-TESD12FB Datasheet
389Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
TESD12FU SPSEMI-TESD12FU Datasheet
369Kb / 3P
500W Unidirectional TVS Diode
TESD12G2B SPSEMI-TESD12G2B Datasheet
459Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD12G2U SPSEMI-TESD12G2U Datasheet
506Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

Similar Description - TESD12EU

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD03N4U SPSEMI-TESD03N4U Datasheet
47Kb / 3P
Electro-Static Discharge TESD03N4U Quad-Direction TVS Diode
TESD03P4U SPSEMI-TESD03P4U Datasheet
49Kb / 3P
Electro-Static Discharge TESD03P4U Quad-Direction TVS Diode
TESD05CB SPSEMI-TESD05CB Datasheet
47Kb / 3P
Electro-Static Discharge TESD05CB Bidirectional TVS Diode
TESD05CBP SPSEMI-TESD05CBP Datasheet
46Kb / 3P
Electro-Static Discharge TESD05CBP Bidirectional TVS Diode
TESD05N4U SPSEMI-TESD05N4U Datasheet
47Kb / 3P
Electro-Static Discharge TESD05N4U Quad-Direction TVS Diode
TESD36EU SPSEMI-TESD36EU Datasheet
46Kb / 3P
Electro-Static Discharge TESD36EU Unidirectional TVS Diode
TESD1524FB SPSEMI-TESD1524FB Datasheet
52Kb / 3P
Electro-Static Discharge TESD1524FB Bidirectional TVS Diode
TLSD28GU SPSEMI-TLSD28GU Datasheet
113Kb / 3P
Electro-Static Discharge TLSD2.8GU Low Voltage TVS Diode
TUSD05C2U SPSEMI-TUSD05C2U Datasheet
50Kb / 3P
Electro-Static Discharge TUSD05C2U Small Package TVS Diode
TUSD05EB SPSEMI-TUSD05EB Datasheet
73Kb / 3P
Electro-Static Discharge TUSD05EB Bidirectional TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com