Electronic Components Datasheet Search
  English  ▼

X  

TLSD28GU Datasheet(PDF) 1 Page - StarHope

Part # TLSD28GU
Description  Electro-Static Discharge TLSD2.8GU Low Voltage TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TLSD28GU Datasheet(HTML) 1 Page - StarHope

  TLSD28GU Datasheet HTML 1Page - StarHope TLSD28GU Datasheet HTML 2Page - StarHope TLSD28GU Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
REV 2016 08 16
..
.
www.spsemi.cn
Page 1 of 3
Electro-Static Discharge
TLSD2.8GU
Low Voltage TVS Diode
Features
400 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects two line pairs(four lines)
Low capacitance
RoHS Compliant
ESD/TLSD2.8GU
IEC Compatibility
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (Lightning) 21A (8/20μs)
Mechanical Characteristics
JEDEC SOT-23 Package
Molding Compound Flammability Rating:UL 94V-O
Weight 8.0 Millgrams(Approximate)
Quantity Per Reel:3000pcs
Reel Size:7 inch
Lead Finish:Lead Free
Applications
10/100 Ethernet
WAN/LAN Equipment
Laser Diode Protection
Switching Systems
Instrumentation
Base Stations
SOT-23
Pin Configuration
12
3


Similar Part No. - TLSD28GU

ManufacturerPart #DatasheetDescription
logo
StarHope
TLSD28K4B SPSEMI-TLSD28K4B Datasheet
51Kb / 3P
Electro-Static Discharge TLSD2.8K4B Low Capacitance TVS Diode
TLSD28K8B SPSEMI-TLSD28K8B Datasheet
55Kb / 3P
Electro-Static Discharge TLSD2.8K8B Low Capacitance TVS Diode
More results

Similar Description - TLSD28GU

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD05CB SPSEMI-TESD05CB Datasheet
47Kb / 3P
Electro-Static Discharge TESD05CB Bidirectional TVS Diode
TESD05CBP SPSEMI-TESD05CBP Datasheet
46Kb / 3P
Electro-Static Discharge TESD05CBP Bidirectional TVS Diode
TESD12EU SPSEMI-TESD12EU Datasheet
46Kb / 3P
Electro-Static Discharge TESD12EU Unidirectional TVS Diode
TESD36EU SPSEMI-TESD36EU Datasheet
46Kb / 3P
Electro-Static Discharge TESD36EU Unidirectional TVS Diode
TESD1524FB SPSEMI-TESD1524FB Datasheet
52Kb / 3P
Electro-Static Discharge TESD1524FB Bidirectional TVS Diode
TLSD28K4B SPSEMI-TLSD28K4B Datasheet
51Kb / 3P
Electro-Static Discharge TLSD2.8K4B Low Capacitance TVS Diode
TLSD28K8B SPSEMI-TLSD28K8B Datasheet
55Kb / 3P
Electro-Static Discharge TLSD2.8K8B Low Capacitance TVS Diode
TUSD05EB SPSEMI-TUSD05EB Datasheet
73Kb / 3P
Electro-Static Discharge TUSD05EB Bidirectional TVS Diode
TUSD05J2U SPSEMI-TUSD05J2U Datasheet
56Kb / 4P
Electro-Static Discharge TUSD05J2U Ultra Low Capacitance TVS Diode
TUSD05R6U SPSEMI-TUSD05R6U Datasheet
51Kb / 3P
Electro-Static Discharge TUSD05R6U Ultra Low Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com