Electronic Components Datasheet Search
  English  ▼

X  

PTCSL20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCSL20
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL20 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCSL20 Datasheet HTML 1Page - Vishay Siliconix PTCSL20 Datasheet HTML 2Page - Vishay Siliconix PTCSL20 Datasheet HTML 3Page - Vishay Siliconix PTCSL20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTCSL20 Series
www.vishay.com
Vishay BCcomponents
Revision: 04-Dec-15
1
Document Number: 29012
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC Thermistors, Mini Radial Leaded
for Over-Temperature Protection
Non preferred type
(replaced by PTCSL03)
Note
(1) Max operating temperature range is Tn +15 °C, indicated value
is for Tn = 150 °C.
FEATURES
• Well-defined protection temperature levels
• Fast reaction time (< 15 s in still air)
• Accurate resistance for ease of circuit design
• Excellent long term behavior (< 1 °C or 5 % after
1000 h at Tn +15 °C)
• Wide range of protection temperatures
(70 °C to 150 °C)
• Small size and rugged
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Over-temperature protection and control in:
• Industrial electronics
• Power supplies
• Motor protection
DESCRIPTION
These PTC sensing thermistors consist of a medium
resistivity doped BaTiO3 ceramic chip lead (Pb)-free
soldered with nickel wires and coated with a high
temperature silicone lacquer and color coding band.
PACKAGING
PTC thermistors are available in 500 pieces bulk packed.
Note
(2) Parts with total length of 40 mm available as PTCSL40T...DBE catalog numbers.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance at 25 °C (
R25)
20 to 100
Ω
Nominal working temperature
(Tn)
70 to 150
°C
Tolerance on Tn
± 5
°C
Maximum voltage (AC or DC)
30
V
Operating temperature range (1)
-20 to 165
°C
Dissipation factor
5
mW/K
Storage temperature
-25 to +155
°C
COMPONENT OUTLINES DIMENSIONS in millimeters
PTCSL20T..., L = 20 ± 2
PTCSL40T..., L = 40 min.
NOMINAL WORKING TEMPERATURES AND ORDERING INFORMATION
NOMINAL
WORKING TEMP.
Tn
(°C)
RESISTANCE
from -20 °C to
Tn -20 °C
(Ω)
RESISTANCE
at Tn -5 °C
(Ω)
RESISTANCE
at Tn +5 °C
(kΩ)
MIN.
RESISTANCE
at Tn +15 °C
(kΩ)
COLOR
CODE
ORDERING PART
NUMBERS (2)
70
20 to 250
50 to 570
0.570 to 50
4
Black
PTCSL20T071DBE
80
20 to 250
50 to 550
1.33 to 50
4
Brown
PTCSL20T081DBE
90
20 to 250
50 to 550
1.33 to 50
4
Red
PTCSL20T091DBE
100
20 to 250
50 to 550
1.33 to 50
4
Orange
PTCSL20T101DBE
110
20 to 250
50 to 550
1.33 to 50
4
Yellow
PTCSL20T111DBE
120
20 to 250
50 to 550
1.33 to 50
4
Green
PTCSL20T121DBE
130
20 to 250
50 to 550
1.33 to 50
4
Blue
PTCSL20T131DBE
140
20 to 250
50 to 550
1.33 to 50
4
Violet
PTCSL20T141DBE
150
20 to 250
50 to 550
1.33 to 50
4
Grey
PTCSL20T151DBE
Ø 0.4
3.0 max.
2.5
L
3.5 max.
7.0 max.
0.5 min.


Similar Part No. - PTCSL20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL03 VISHAY-PTCSL03 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSL03T081DB1E VISHAY-PTCSL03T081DB1E Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL03T081DT1E VISHAY-PTCSL03T081DT1E Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
More results

Similar Description - PTCSL20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
PTC Thermistors, For Temperature Protection
10-Oct-03
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
Mini Chips for Over-Temperature Protection
08-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
PTC Thermistors, Sleeve Type for Over-Temperature Protection
03-Sep-10
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com