Electronic Components Datasheet Search
  English  ▼

X  

TSOP35430 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP35430
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP35430 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP35430 Datasheet HTML 1Page - Vishay Siliconix TSOP35430 Datasheet HTML 2Page - Vishay Siliconix TSOP35430 Datasheet HTML 3Page - Vishay Siliconix TSOP35430 Datasheet HTML 4Page - Vishay Siliconix TSOP35430 Datasheet HTML 5Page - Vishay Siliconix TSOP35430 Datasheet HTML 6Page - Vishay Siliconix TSOP35430 Datasheet HTML 7Page - Vishay Siliconix TSOP35430 Datasheet HTML 8Page - Vishay Siliconix TSOP35430 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Not for New Design - Replaced by New TSOP362.., TSOP364.. (#82568)
TSOP352.., TSOP354..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Sep-13
1
Document Number: 81781
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage range: 2.5 V to 5.5 V
• Improved immunity against modulated light
sources
• Insensitive to supply voltage ripple and noise
• Taping available for topview and sideview
assembly
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP352.., TSOP354.. series are miniaturized SMD IR
receiver modules for infrared remote control systems. PIN
diode and preamplifier are assembled on lead frame, the
epoxy package is designed as IR filter.
The demodulated output signal can directly be decoded by
a microprocessor. The TSOP352.. is compatible with all
common IR remote control data formats. The TSOP354.. is
optimized to suppress almost all spurious pulses from
energy saving lamps but will also suppress some data
signals.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
16797
1
2
3
4
PARTS TABLE
CARRIER FREQUENCY
STANDARD APPLICATIONS (AGC2/AGC8)
VERY NOISY ENVIRONMENTS (AGC4)
30 kHz
TSOP35230
TSOP35430
33 kHz
TSOP35233
TSOP35433
36 kHz
TSOP35236
TSOP35436
38 kHz
TSOP35238
TSOP35438
40 kHz
TSOP35240
TSOP35440
56 kHz
TSOP35256
TSOP35456
30 k
Ω
VS
OUT
Demo
-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
3
4
1; 2
16839
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP35430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP311 VISHAY-TSOP311 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
09-Aug-07
TSOP311 VISHAY-TSOP311 Datasheet
194Kb / 8P
IR Receiver Modules for Remote Control Systems
02-Aug-2021
TSOP311.. VISHAY-TSOP311.. Datasheet
194Kb / 8P
IR Receiver Modules for Remote Control Systems
02-Aug-2021
TSOP31130 VISHAY-TSOP31130 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
09-Aug-07
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
More results

Similar Description - TSOP35430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com