Electronic Components Datasheet Search
  English  ▼

X  

TH71101 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TH71101
Description  FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH71101 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TH71101 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH71101 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TH71101
315/433MHz
FSK/FM/ASK Receiver
TH71101 Data Sheet
Page 13 of 20
Nov. 2001
3901071101
Rev. 005
FSK test circuit with AFC component list to Fig. 3
Part
Size
Value / Type
Tolerance
Description
C1
0805
15 pF
±10%
crystal series capacitor
C3
0805
1 nF
±10%
loop filter capacitor
C4
0603
3.3 pF
±5%
capacitor to match to SAW filter input
C5
0603
3.3 pF
±5%
capacitor to match to SAW filter output
C6
0603
4.7 pF
±5%
LNA output tank capacitor
C7
0603
2.2 pF
±5%
MIX1 input matching capacitor
C9
0805
33 nF
±10%
IFA feedback capacitor
C10
0603
1 nF
±10%
IFA feedback capacitor
C11
0603
1 nF
±10%
IFA feedback capacitor
C12
0603
1.5 pF
±5%
DEMOD phase-shift capacitor
C13
0603
680 pF
±10%
DEMOD coupling capacitor
CP
0805
27 pF
±5%
ceramic resonator loading capacitor
C14
0805
10 – 47 pF
±5%
demodulator output low-pass capacitor, depending on
data rate
C15
0805
10 – 47 pF
±5%
demodulator output low-pass capacitor, depending on
data rate
C16
0603
330 pF
±10%
RSSI output low-pass capacitor
C17
33 nF
±10%
integrator capacitor, fixed
33 nF
integrator capacitor, @ 0.5 to 2 kbit/s NRZ
10 nF
integrator capacitor, @ 2 to 20 kbit/s NRZ
C18
0805
1 nF
±10%
integrator capacitor, @ 20 to 40 kbit/s NRZ
R1
0805
10 k
Ω±10%
loop filter resistor
R3
0805
100 k
Ω
±10%
varactor diode biasing resistor
R4
0805
680 k
Ω±10%
integrator resistor
R5
0805
680 k
Ω±10%
integrator resistor
RL1
0805
470
Ω
±5%
MIX1 bias resistor
RL2
0805
470
Ω
±5%
MIX1 bias resistor
L1
0603
33 nH
±5%
inductor to match SAW filter
L2
0603
33 nH
±5%
inductor to match SAW filter
L3
0603
15 nH
±5%
LNA output tank inductor
VD
SOD-323
BB535
varactor diode from Infineon
XTAL
HC49
SMD
26.43125 MHz
@ RF = 433.6 MHz
±25ppm calibra-
tion
±30ppm temp.
fundamental-mode crystal, Cload = 10 pF to 15pF,
C0, max = 7 pF, Rm, max = 50
Ω
SAWFIL
QCC8C
B3555
@ RF = 433.6 MHz
B3dB = 860 kHz
±100 kHz
(f0 = 433.92 MHz)
low-loss SAW filter from EPCOS
Leaded
type
SFE10.7MFP
@ BIF2 = 40 kHz
TBD
CERFIL
SMD type
SFECV10.7MJS-A
@ BIF2 = 150 kHz
±40 kHz
ceramic filter from Murata
CERRES
SMD type
CDACV10.7MG18-A
ceramic demodulator tank from Murata
NIP – not in place, may be used optionally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com