Electronic Components Datasheet Search
  English  ▼

X  

GPSDM700 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSDM700
Description  LTE Multiband / Active GPS Roof Mount Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM700 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSDM700 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
pulseelectronics.com/products/antennas
LTE Multiband / Active GPS
Roof Mount Antenna
Pulse Part Number GPSDM700/2500 Family
2
pulseelectronics.com/products/antennas
L108.F (05/13)
Environmental Specifications
Mechanical Specifications
LNA Specifications
Electrical Specifications
Radome Material
UV Stable
Color
Black
Ingress Protection
IP 65
Weight [ozs/g]
15 / 470
Dimensions [in/mm]
3.5 H x Ø4.16 /
88.3 x Ø105.7
Mounting
3/4” hole
Operating Temperature [°C]
-40 / +85
Storage Temperature [°C]
-40 / +85
Relative Humidity [%]
100%
Gain [5 V]
5 dBic/30 dB ± 2 dB
Gain [3 V]
5 dBic/25 dB ± 2 dB
Noise Figure
1.3 dB
Current Draw [Ma]
12 mA @ 3.3 V
Voltage [VDC]
3 - 5
Cable 1
698-960/1710-2170/
2300-2700
Cable 2
2400-2485
Cable 3
1575.42
Nominal Impedance [Ω]
50
698-960/1710-2170/
2300-2700
2.0:1
2400-2485
2.0:1
1575.42
2.0:1
698-960/1710-2170/
2300-2700
3
2400-2485
6
698-960/1710-2170/
2300-2700
Linear Vertical
2400-2485
Linear Vertical
1575.42
RHCP
Power Rating [W]
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com